Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2152 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2152
Description  DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2152 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2152 Datasheet HTML 1Page - RF Micro Devices RF2152 Datasheet HTML 2Page - RF Micro Devices RF2152 Datasheet HTML 3Page - RF Micro Devices RF2152 Datasheet HTML 4Page - RF Micro Devices RF2152 Datasheet HTML 5Page - RF Micro Devices RF2152 Datasheet HTML 6Page - RF Micro Devices RF2152 Datasheet HTML 7Page - RF Micro Devices RF2152 Datasheet HTML 8Page - RF Micro Devices RF2152 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2-158
RF2152
Rev A8 001109
2
Application Schematic
824MHz to 849MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BIAS
CIRCUITS
R3
VPD
100 pF
100 pF
1.2
nH
47 nH
100 pF
V
CC
1 nH
2 pF
9 pF
7 pF
100 pF
RF
OUT
MODE
100 pF
100 pF
100 pF
·L6 may be implemented as a transmission
line to reduce DC losses.
·R3 is used for bias adjustment. 0
Ω for 2.8 V
regulated supply.
·All unused pins should be grounded to PC
board if possible.
20 nH
2.7 nH
PACKAGE BASE
RF IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com