Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2312PCBA Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2312PCBA
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312PCBA Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2312PCBA Datasheet HTML 4Page - RF Micro Devices RF2312PCBA Datasheet HTML 5Page - RF Micro Devices RF2312PCBA Datasheet HTML 6Page - RF Micro Devices RF2312PCBA Datasheet HTML 7Page - RF Micro Devices RF2312PCBA Datasheet HTML 8Page - RF Micro Devices RF2312PCBA Datasheet HTML 9Page - RF Micro Devices RF2312PCBA Datasheet HTML 10Page - RF Micro Devices RF2312PCBA Datasheet HTML 11Page - RF Micro Devices RF2312PCBA Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
3-8
RF2312
Rev C2 010813
3
Application Schematic
Push-Pull 24V
1
2
3
4
8
7
6
5
U1
RF2312
1
2
3
4
8
7
6
5
U2
RF2312
2400
Ω
0.1 uF
10 nF
TTWB-2-A
10 nF
FEDGE
2400
Ω
10 uH
10 nF
TTWB-2-A
F EDGE
10 nF
120
Ω
120
Ω
120
Ω
120
Ω
10 uH
120
Ω
120
Ω
120
Ω
120
Ω
0.1 uF
P1
1
2
3
CON3
GND
47 nF
63 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com