Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2312PCBA Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2312PCBA
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312PCBA Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2312PCBA Datasheet HTML 5Page - RF Micro Devices RF2312PCBA Datasheet HTML 6Page - RF Micro Devices RF2312PCBA Datasheet HTML 7Page - RF Micro Devices RF2312PCBA Datasheet HTML 8Page - RF Micro Devices RF2312PCBA Datasheet HTML 9Page - RF Micro Devices RF2312PCBA Datasheet HTML 10Page - RF Micro Devices RF2312PCBA Datasheet HTML 11Page - RF Micro Devices RF2312PCBA Datasheet HTML 12Page - RF Micro Devices RF2312PCBA Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3-9
RF2312
Rev C2 010813
3
Evaluation Board Schematic - 50Ω
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Schematic - 75Ω
NOTE: For 5V applications, R1 to R4 may be removed (shorted). This will result in degraded distortion performance.
1
2
3
4
8
7
6
5
C1
220 pF
micro
strip
J1
SMA
C3
220 pF
micro
strip
J2
SMA
L1
330 nH
R1
120
Ω
C2
100 nF
C4
100 nF
OUT
R2
120
Ω
R3
120
Ω
R4
120
Ω
P1-1
2312400A
P1 H3M
1
2
3
P1-1
VCC (9 V)
GND
NC
1
2
3
4
8
7
6
5
C1
1nF
micro
strip
J1
FCONN
(75
Ω)
C3
1nF
micro
strip
J2
F CONN
(75
Ω)
L1
1000 nH
R4
120
Ω
C3
0.1 uF
OUT
R1
120
Ω
R2
120
Ω
R3
120
Ω
P1-1
2312401-
P1
1
2
3
CON3
GND
NC
P1-1
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com