Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2945 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2945
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2945 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2945 Datasheet HTML 3Page - RF Micro Devices RF2945 Datasheet HTML 4Page - RF Micro Devices RF2945 Datasheet HTML 5Page - RF Micro Devices RF2945 Datasheet HTML 6Page - RF Micro Devices RF2945 Datasheet HTML 7Page - RF Micro Devices RF2945 Datasheet HTML 8Page - RF Micro Devices RF2945 Datasheet HTML 9Page - RF Micro Devices RF2945 Datasheet HTML 10Page - RF Micro Devices RF2945 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
11-221
RF2945
Rev A10 000919
11
* LVL ADJ pin must be low to disable transmitter.
Pin
Function
Description
Interface Schematic
28
VCC1
This pin is used to supply DC bias to the LNA, Mixer, 1st IF Amp and
Bandgap reference. A RF bypass capacitor should be connected
directly to this pin and returned to ground. A 22pF capacitor is recom-
mended for 915MHz applications. A 68 pF capacitor is recommended
for 433MHz applications.
29
DATA OUT
Demodulated data output from the demodulator. Output levels on this
are TTL/CMOS compatible. The magnitude of the load impedance is
intended to be 1M
Ω or greater.
30
VCC3
This pin is used to supply DC bias and collector current to the transmit-
ter PA. It also supplies voltage to the 2nd IF Amplifier, Demod and data
slicer. A RF bypass capacitor should be connected directly to this pin
and returned to ground. A 22pF capacitor is recommended for 915MHz
applications. A 68pF capacitor is recommended for 433MHz applica-
tions.
31
LVL ADJ
This pin is used to vary the transmitter output power. An output level
adjustment range greater than 12dB is provided through analog volt-
age control of this pin. DC current of the transmitter power amp ia also
reduced with output power.
NOTE: This pin MUST be low when the transmitter is disabled.
32
RX ENABL
Enable pin for the receiver circuits. RX ENABL>2.0V powers up all
receiver functions. RX ENABL<1.0V turns off all receiver functions
except the PLL functions and the RF mixer.
Operation
Mode
TX ENABL
RX ENABL
Function
Sleep Mode
Low
Low
Entire chip is powered down. Total current consumption is < 1
µA. *
Transmit Mode
High
Low
Transmitter, VCO are on.
Receive Mode
Low
High
Receiver, VCO are on. *
PLL Lock
High
High
VCO is on. This mode allows time for a synthesizer loop to lock without
spending current on the transmitter or receiver.
DATA OUT
400
4k
Ω
LVL ADJ
40 k
Ω
50 k
Ω
RX ENABL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com