Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2945 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2945
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2945 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2945 Datasheet HTML 6Page - RF Micro Devices RF2945 Datasheet HTML 7Page - RF Micro Devices RF2945 Datasheet HTML 8Page - RF Micro Devices RF2945 Datasheet HTML 9Page - RF Micro Devices RF2945 Datasheet HTML 10Page - RF Micro Devices RF2945 Datasheet HTML 11Page - RF Micro Devices RF2945 Datasheet HTML 12Page - RF Micro Devices RF2945 Datasheet HTML 13Page - RF Micro Devices RF2945 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
11-224
RF2945
Rev A10 000919
11
PLL Synthesizer
The RF2945 evaluation board uses an LMX2316 PLL
IC from National Semiconductor. This PLL IC may be
programmed from the software available from National
Semiconductor
(codeloader
at
www.national.com/
appinfo/wireless/). An external reference oscillator is
required for the PLL IC allowing for the evaluation of
different reference frequencies or step sizes. The
National Semiconductor software also has a calculator
for determining the R and C component values for a
given loop bandwidth.
The RF2945 is controlled by RX ENABL and TX
ENABL which are decoded to put the RF2945 into one
of four states. It may be put into a PLL-only mode with
TX ENABL and RX ENABL both high. This condition is
used to provide time for the synthesizer to turn on and
obtain lock before turning on the receiver or transmit-
ter. Note that LVL ADJ needs to be held low for PLL-
only mode. Sometimes, it is desirabletoramp upthe
power amplifier to minimize load pulling on the VCO.
To do this with the RF2945, first put the RF2945 into
PLL mode by putting TX ENABL and RX ENABL high.
Then,rampupLVL ADJtoturnonthe transmitterand
PA. The rate at which LVL ADJ is allowed to ramp up is
dependent on the PLL loop bandwidth. VCC pushing
also affects the VCO frequency. A good low pass filter
on VCC will minimize the VCC pushing effects.
For applications requiring fast switching speeds or
turn-on times, and low data rate loop filter bandwidths,
the LMX2316 may be configured to drive the loop filter
in a fast switching mode. Please refer to literature on
the LMX2316 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com