Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM9105AP Datasheet(PDF) 4 Page - Sames

Part # PM9105AP
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9105AP Datasheet(HTML) 4 Page - Sames

  PM9105AP Datasheet HTML 1Page - Sames PM9105AP Datasheet HTML 2Page - Sames PM9105AP Datasheet HTML 3Page - Sames PM9105AP Datasheet HTML 4Page - Sames PM9105AP Datasheet HTML 5Page - Sames PM9105AP Datasheet HTML 6Page - Sames PM9105AP Datasheet HTML 7Page - Sames PM9105AP Datasheet HTML 8Page - Sames PM9105AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PM9105AP
sames
4/10
For rated conditions, the signals into the current and voltage sensor inputs are set
as follows:
Current sensor input currents:
16µ A
RMS
Voltage sensor input currents: 14µ A
RMS
Under these conditions, the device generates a pulse rate of 1.16kHz at output
FOUT1.
2.
Electrostatic Discharge (ESD) Protection
The device's inputs/outputs are protected against ESD. The modules resistance to
transients will be dependant upon the protection components used.
3.
Power Consumption
The overall power consumption rating for this power metering application (Figure
2), is under 500mW, excluding the current sensors.
4.
Isolation
The reference for the unit is connected to neutral.
5.
Circuit Description
The module is supplied from an external 5V DC supply.
The Application Circuit (figure 2), details the components required for a three phase
power metering module. Terminated current transformers are used as current
sensors.
The most important external components are:
C
7, C9, C10 and C11 are the outer loop capacitors for the integrated oversampling
A/D converters. The typical value of C
7 is 2.2nF and the value of C9, C10 and C11 is
560pF.
The actual values determine the signal to noise and stability performance. The
tolerances should be within ± 10%.
C
4, C5, C6 and C8 are the inner loop capacitors for the integrated oversampling
A/D converters. The typical value of C
4, C5, C6 and C8 is 3.3nF. Values smaller than
0.5nF and larger than 5nF should be avoided.
Terminated current sensors (current transformers) are connected to the current
sensor inputs of the SA9105 through current setting resistors (R
8 ..R13).
The resistor values should be selected for an input current of 16
µA into the SA9105
at the rated line current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com