Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM9105AP Datasheet(PDF) 5 Page - Sames

Part # PM9105AP
Description  THREE PHASE POWER/ENERGY METERING MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9105AP Datasheet(HTML) 5 Page - Sames

  PM9105AP Datasheet HTML 1Page - Sames PM9105AP Datasheet HTML 2Page - Sames PM9105AP Datasheet HTML 3Page - Sames PM9105AP Datasheet HTML 4Page - Sames PM9105AP Datasheet HTML 5Page - Sames PM9105AP Datasheet HTML 6Page - Sames PM9105AP Datasheet HTML 7Page - Sames PM9105AP Datasheet HTML 8Page - Sames PM9105AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PM9105AP
sames
5/10
The values of these resistors should be calculated as follows:
Phase 1:
R
8 = R9 = (IL1/16µA) x R18/2
Phase 2:
R
10 = R11 = (IL2/16µA) x R19/2
Phase 3:
R
12 = R13 = (IL3/16µA) x R20/2
Where I
LX
=
Secondary CT current at rated conditions.
R
18, R19 and R20
=
Termination resistors of the three current transformers.
R
1 + R1A, R4 and R15 set the current for the phase 1 voltage sense input. R2 + R2A,
R
5 + P5 and R16 set the current for phase 2 and R3 + R3A, R6 + P6 and R17 set the current
for Phase 3. The values should be selected so that the input currents into the voltage
sense inputs (virtual ground) is set to 14
µA at nominal line voltage. Capacitors C1,
C2 and C3 are for decoupling and phase compensation.
R
14 + P14 defines all on-chip bias and reference currents.
With R
14 + P14 = 24kΩ,
optimum conditions are set. P
14 may be varied within ± 10% for calibration purposes.
Any changes to R
14 will affect the output quadratically (i.e:
∆R = +5%, ∆FOUT =
+10%).
XTAL is a colour burst TV crystal (f = 3.5795 MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897 MHz on-chip to supply the digital circuitry and
the A/D converters.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com