Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA541 Datasheet(PDF) 11 Page - Sames

Part # SA541
Description  PULSE/DTMF SWITCHABLE DIALLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA541 Datasheet(HTML) 11 Page - Sames

Back Button SA541 Datasheet HTML 7Page - Sames SA541 Datasheet HTML 8Page - Sames SA541 Datasheet HTML 9Page - Sames SA541 Datasheet HTML 10Page - Sames SA541 Datasheet HTML 11Page - Sames SA541 Datasheet HTML 12Page - Sames SA541 Datasheet HTML 13Page - Sames SA541 Datasheet HTML 14Page - Sames SA541 Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SA541
sames
11/16
DTMF Tone Filtering
Figure 3: 2-Pole Sallen and Key Filter Circuit
9.
DTMF Dialling (Figure 4)
During DTMF dialling, the MUTE output goes to logic ‘1’ and remains there for the
duration of the tone transmission.
The IMP output remains low during tone
transmission. The MF OUT output rises to its d.c. level of 0,9 V
DD at the start of the
tone transmission and is kept there between tone bursts. This is to avoid transients
at the beginning and end of tone bursts.
The maximum rate at which tones are sent to line is 100ms on, followed by 100ms
off. If keys are activated faster than this, they are placed in a temporary store and
then sent to line at the maximum rate. Dialling from the LNR store occurs at the
maximum rate.
If a key is held down for longer than 100ms, the tone output will continue until the
key is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com