Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA541 Datasheet(PDF) 14 Page - Sames

Part # SA541
Description  PULSE/DTMF SWITCHABLE DIALLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA541 Datasheet(HTML) 14 Page - Sames

Back Button SA541 Datasheet HTML 8Page - Sames SA541 Datasheet HTML 9Page - Sames SA541 Datasheet HTML 10Page - Sames SA541 Datasheet HTML 11Page - Sames SA541 Datasheet HTML 12Page - Sames SA541 Datasheet HTML 13Page - Sames SA541 Datasheet HTML 14Page - Sames SA541 Datasheet HTML 15Page - Sames SA541 Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SA541
sames
14/16
11. LOCKING FACILITY
This feature is available on the SA54L1. Pin 11 (LOCK) should be connected to V
SS
if the device is to be locked and to V
DD if the device is to be unlocked. This feature
can be controlled by an inexpensive low voltage SPDT switch. When locked,
columns 1,2 and 3 on the keypad are disabled making it impossible to dial out any
digits. However column 4 is not disabled, thus allowing the user to redial the contents
of the LNR store. The user would therefore typically store an emergency number
in the LNR memory before locking the keypad.
TYPICAL APPLICATIONS
The circuit in Figure 7 uses a constant current supply to draw current from the
telephone line which is used to power the SA54X1. The 2,5V reference diode
produces a stabilised supply voltage which determines the DTMF tone level of the
SA54X1.
In Figure 8, a stabilising voltage from the speech circuit is used to supply the SA54X1
during DTMF dialling to give accurate tone levels.
The SA54X1 is powered via the 150K
Ω resistor during TBR operations and LD
dialling breaks, and via T1 during dialling makes. This configuration minimises the
component count, at the expense of allowing a leakage current of about 450µA
during dialling breaks. The 47µF reservoir capacitor maintains and smoothes the
supply to the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com