Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA545 Datasheet(PDF) 11 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 11 Page - Sames

Back Button SA545 Datasheet HTML 7Page - Sames SA545 Datasheet HTML 8Page - Sames SA545 Datasheet HTML 9Page - Sames SA545 Datasheet HTML 10Page - Sames SA545 Datasheet HTML 11Page - Sames SA545 Datasheet HTML 12Page - Sames SA545 Datasheet HTML 13Page - Sames SA545 Datasheet HTML 14Page - Sames SA545 Datasheet HTML 15Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
sames
SA545
11/18
7.
Earth Loop Recall (ELR) / Timed Break Recall (TBR) (Timed Flash)
The SA545 supports both TBR and ELR and offers a common operating protocol in
both cases.
After a Recall (Flash) operation, the dialling mode selected via the SELECT pin will
be restored. Only the digits dialled after the ELR/TBR operation will be retained in
the LNR store.
A TBR of 100ms1) is generated when the TBR key is pressed. The MASK output
goes low in order to produce the line break. When in DTMF mode, the MF OUT
output also goes low for the duration of the break.
ELR is supported via the C3 pin. If this pin is connected to ground for a minimum
of 20ms during an ELR operation, the chip will offer the same operating protocol as
for TBR.
The ELR function may be achieved by use of the circuit shown in Figure 2, or by use
of a double contact switch.
1)
Other periods avaiable on request.
Figure 2: Earth Loop Recall Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com