Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA545 Datasheet(PDF) 15 Page - Sames

Part # SA545
Description  PULSE/DTMF SWITCHABLE DIALLERS WITH 10 REPERTORY MEMORIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA545 Datasheet(HTML) 15 Page - Sames

Back Button SA545 Datasheet HTML 10Page - Sames SA545 Datasheet HTML 11Page - Sames SA545 Datasheet HTML 12Page - Sames SA545 Datasheet HTML 13Page - Sames SA545 Datasheet HTML 14Page - Sames SA545 Datasheet HTML 15Page - Sames SA545 Datasheet HTML 16Page - Sames SA545 Datasheet HTML 17Page - Sames SA545 Datasheet HTML 18Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
sames
SA545
15/18
12. LOCKING FACILITY
This feature is available on the SA54L5. Pin 11 (LOCK) should be connected to V
SS
if the device is to be locked and to V
DD if the device is to be unlocked. This feature
can be controlled by an inexpensive low voltage SPDT switch. When locked it is
impossible to dial out any number other than those stored in the LNR and repertory
memory. If the redial key is pressed twice while in the locked state the number in the
LNR store will be dialled out. To dial from the repertory memory while in the locked
state the redial key is pressed once followed by the number (0-9) of the store to be
dialled.
13. OPTIONS
The SA545 has been designed to allow the telephonic manufacturer to cater for
different market requirements. The device can be programmed, on request, at the
final manufacturing stage so as to enable various attractive options. These options
are listed below and are available in any combination. The standard options are
listed first in Italics.
A. Packaging
SA545
a)
20 pin DIP
b) 18 pin DIP (filter not bonded out)
c) Other packages available on request (e.g. SO,LCC)
SA54L5
a)
22 pin DIP
b) 20 pin DIP (filter not bonded out)
c) Other packages on request
B. TBR (Flash) Period
SA545 and SA54L5
a)
100ms
d) 600ms
b) 200ms
c) 300ms
C. TBR (Flash) LNR Protocol
a) Number after the TBR is retained in LNR store.
b)
Number before the TBR is retained in the LNR store.
D. PIN 3
a)
MASK
b) MASK
E. PIN 1
a)
IMP
b) IMP
c) IMP + MASK
d) IMP + MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com