Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F720-I/ML Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-I/ML Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F720-I/ML Datasheet HTML 41Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 42Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 43Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 44Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 45Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 46Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 47Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 48Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 45
PIC16F/LF720/721
5.0
LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The
PIC16F720/721
devices
differ
from
the
PIC16LF720/721 devices due to an internal Low
Dropout (LDO) voltage regulator. The PIC16F720/721
contain an internal LDO, while the PIC16LF720/721 do
not.
The lithography of the die allows a maximum operating
voltage of 3.6V on the internal digital logic. In order to
continue to support 5.0V designs, a LDO voltage
regulator is integrated on the die. The LDO voltage
regulator allows for the internal digital logic to operate
at 3.2V, while I/O’s operate at 5.0V (VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com