Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC16F720-I/ML Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC16F720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-I/ML Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC16F720-I/ML Datasheet HTML 70Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 71Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 72Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 73Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 74Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 75Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 76Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 77Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 74
 2010 Microchip Technology Inc.
REGISTER 8-1:
CONFIGURATION WORD 1
R/P-1
R/P-1
U-1
U-1
R/P-1
R/P-1
—
—DEBUG(1)
PLLEN
—
—
BOREN1
BOREN0
bit 15
bit 8
U-1
R/P-1
R/P-1
R/P-1
R/P-1
U-1
R/P-1
R/P-1
—CP
MCLRE
PWRTE
WDTEN
—FOSC1
FOSC0
bit 7
bit 0
Legend:
P = Programmable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13
DEBUG(1): Debugger Mode bit
0
=
Background debugger is enabled
1
=
Background debugger is disabled
bit 12
PLLEN: INTOSC PLL Enable bit
0
=
INTOSC frequency is 500 kHz
1
=
INTOSC frequency is 16 MHz (32x)
bit 11-10
Unimplemented: Read as ‘1’
bit 9-8
BOREN<1:0>: Brown-out Reset Enable bits (2)
0x
= Brown-out Reset disabled
10
= Brown-out Reset enabled during operation and disabled in Sleep
11
= Brown-out Reset enabled
bit 7
Unimplemented: Read as ‘1’
bit 6
CP: Flash Program Memory Code Protection bit
PIC16F720/721
0
=
0000h to 07FFh/0FFFh code protection on
1
=
Code protection off
bit 5
MCLRE: RA3/MCLR/VPP Pin Function Select bit
1
=RA3/MCLR/VPP pin function is MCLR; Weak pull-up enabled.
0
=RA3/MCLR/VPP pin function is digital input; MCLR internally disabled; Weak pull-up disabled
bit 4
PWRTE: Power-up Timer Enable bit
0
=
PWRT enabled
1
=
PWRT disabled
bit 3
WDTEN: Watchdog Timer Enable bit
0
=
WDT disabled
1
=
WDT enabled
bit 2
Unimplemented: Read as ‘1’
bit 1-0
FOSC<1:0>: Oscillator Selection bits
11
= EC oscillator: CLKOUT function on RA4/CLKOUT pin, CLKIN on RA5/CLKIN
10
= EC oscillator: I/O function on RA4/CLKOUT pin, CLKIN on RA5/CLKIN
01
= INTOSC oscillator: CLKOUT function on RA4/CLKOUT pin, I/O function on RA5/CLKIN
00
= INTOSCIO oscillator: I/O function on RA4/CLKOUT pin, I/O function on RA5/CLKIN
Note 1: The Configuration bit is managed automatically by the device development tools. The user should not attempt to manu-
ally write this bit location. However, the user should ensure that this location has been programmed to a ‘1’ and the device
checksum is correct for proper operation of production software.
2: Fixed Voltage Reference is automatically enabled whenever the BOR is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com