Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSL2103T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL2103T
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL2103T Datasheet HTML 5Page - NXP Semiconductors SSL2103T Datasheet HTML 6Page - NXP Semiconductors SSL2103T Datasheet HTML 7Page - NXP Semiconductors SSL2103T Datasheet HTML 8Page - NXP Semiconductors SSL2103T Datasheet HTML 9Page - NXP Semiconductors SSL2103T Datasheet HTML 10Page - NXP Semiconductors SSL2103T Datasheet HTML 11Page - NXP Semiconductors SSL2103T Datasheet HTML 12Page - NXP Semiconductors SSL2103T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
9 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
8.6 Demagnetization
The system operates in discontinuous conduction mode if the AUX pin is connected. As
long as the secondary stroke has not ended, the oscillator will not start a new primary
stroke. During the first tsup(xfmr_ring) seconds, demagnetization recognition is suppressed.
This suppression may be necessary in applications where the transformer has a large
leakage inductance and at low output voltages.
8.7 Overcurrent protection
The cycle-by-cycle peak drain current limit circuit uses the external source resistor RSENSE
to measure the current. The circuit is activated after the leading edge blanking time tleb.
The protection circuit limits the source voltage over the RSENSE1 resistor to Vth(ocp)SOURCE,
and thus limits the primary peak current.
8.8 Short-winding protection
The short-winding protection circuit is also activated after the leading edge blanking time.
If the source voltage exceeds the short-winding protection threshold voltage
Vth(swp)SOURCE, the IC stops switching. Only a power-on reset will restart normal operation.
The short-winding protection also protects in case of a secondary diode short circuit.
8.9 Overtemperature protection
Accurate temperature protection is provided in the device. When the junction temperature
exceeds the thermal shut-down temperature, the IC stops switching. During thermal
protection, the IC current is lowered to the start-up current. The IC continues normal
operation as soon as the overtemperature situation has disappeared.
1.
RSENSE is the resistor between the SOURCE pin and GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com