Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSL2103T Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL2103T
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103T Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL2103T Datasheet HTML 8Page - NXP Semiconductors SSL2103T Datasheet HTML 9Page - NXP Semiconductors SSL2103T Datasheet HTML 10Page - NXP Semiconductors SSL2103T Datasheet HTML 11Page - NXP Semiconductors SSL2103T Datasheet HTML 12Page - NXP Semiconductors SSL2103T Datasheet HTML 13Page - NXP Semiconductors SSL2103T Datasheet HTML 14Page - NXP Semiconductors SSL2103T Datasheet HTML 15Page - NXP Semiconductors SSL2103T Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
12 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
[1]
VCC = 20 V minimum to meet all characteristics.
[2]
SB_DRV is active during VCC start-up.
[3]
Voltage change in time for valley recognition.
Duty factor regulator: pin PWMLIMIT
IPWMLIMIT
current on pin PWMLIMIT
25 -
18
A
VPWMLIMIT
voltage on pin PWMLIMIT
maximum duty cycle threshold
VBRIGHTNESS = 3 V
-2.6
-
V
minimum duty cycle threshold
VBRIGHTNESS = 3 V
-0.45
-
V
Valley switching
(
V/t)
vrec
valley recognition voltage change
with time
minimum absolute value
[3] -100
-
V/
s
fring
ringing frequency
N
 V
O = 100 V
200
500
800
kHz
td(vrec-swon)
valley recognition to switch-on
delay time
-150
-
ns
Current and short circuit winding protection
Vth(ocp)SOURCE
overcurrent protection threshold
voltage on pin SOURCE
dV/dt = 0.1 V/
s
0.46 0.50
0.53
V
Vth(swp)SOURCE
short-winding protection threshold
voltage on pin SOURCE
dV/dt = 0.1 V/
s-
1.5
-
V
td(ocp-swoff)
delay time from overcurrent
protection to switch-off
dV/dt = 0.5 V/
s
-
160
185
ns
tleb
leading edge blanking time
250
350
450
ns
FET driver output stage
VO(PWR_DRV)
output Voltage on pin PWR_DRV
-
12
VCC
V
tr(PWR_DRV)
rise time on pin PWR_DRV
With maximum input capacitance
4.7 nF on pin PWR_DRV;
VCC =20V
-210
-
ns
tf(PWR_DRV)
fall time on pin PWR_DRV
With maximum input capacitance
4.7 nF on pin PWR_DRV;
VCC =20V
-210
-
ns
Temperature protection
Totp
overtemperature protection
threshold
junction temperature
150
160
170
C
Totp(hys)
overtemperature protection trip
hysteresis
junction temperature
-
7
-
C
Table 6.
Characteristics …continued
Tamb =25 C; no overtemperature; all voltages are measured with respect to ground; currents are positive when flowing into
the IC; VCC = 20 V and PWMLIMIT and BRIGHTNESS pins are disconnected unless otherwise specified. Typical frequency
100 kHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com