Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDF8591TH Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDF8591TH
Description  2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8591TH Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDF8591TH Datasheet HTML 4Page - NXP Semiconductors TDF8591TH Datasheet HTML 5Page - NXP Semiconductors TDF8591TH Datasheet HTML 6Page - NXP Semiconductors TDF8591TH Datasheet HTML 7Page - NXP Semiconductors TDF8591TH Datasheet HTML 8Page - NXP Semiconductors TDF8591TH Datasheet HTML 9Page - NXP Semiconductors TDF8591TH Datasheet HTML 10Page - NXP Semiconductors TDF8591TH Datasheet HTML 11Page - NXP Semiconductors TDF8591TH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TDF8591TH_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 5 March 2008
8 of 34
NXP Semiconductors
TDF8591TH
2
× 100 W SE (4 Ω) or 1 × 310 W BTL (4 Ω) class-D amplifier
6.4.4 Window protection
The WP checks the conditions at the output pins of the power stage and is activated:
During the start-up sequence, when pin MODE is switched from standby to mute. In
the event of a short-circuit at one of the output pins to VDD or VSS the start-up
procedure is interrupted and the TDF8591TH waits until the short-circuit to the supply
lines has been removed. Because the test is done before enabling the power stages,
no large currents will flow in the event of a short-circuit.
When the amplifier is completely shut down due to activation of the OCP by a
short-circuit to one of the supply lines, the window protection will then be activated
during restart (after 100 ms). As a result the amplifier will not start up until the
short-circuit to the supply lines is removed.
6.4.5 Supply voltage protections
If the supply voltage drops below
±12.5 V, the UVP circuit is activated and the
TDF8591TH switch-off will be silent and without pop noise. When the supply voltage rises
above
±12.5 V, the TDF8591TH is restarted again after 100 ms.
If the supply voltage exceeds
±33 V the OVP circuit is activated and the power stages will
shut down. It is re-enabled as soon as the supply voltage drops below
±33 V. So in this
case no timer of 100 ms is started. The maximum operating supply voltage is
±29 V and if
the supply voltage is above the maximal allowable voltage of
±34 V (see Section 7), the
TDF8591TH can be damaged, irrespective of an activated OVP. See Section 12.6
“Pumping effects” for more information about the use of the OVP.
An additional UBP circuit compares the positive analog (VDDA) and the negative analog
(VSSA) supply voltages and is triggered if the voltage difference between them exceeds
the unbalance threshold level, which is expressed as follows:
V
When the supply voltage difference VDDA − VSSA exceeds Vth(unb), the TDF8591TH
switches off and is restarted again after 100 ms.
Example: With a symmetrical supply of VDDA = 20 V and VSSA = −20 V, the unbalance
protection circuit will be triggered if the unbalance exceeds approximately 6 V.
In Table 4 an overview is given of all protections and the effect on the output signal.
[1]
Amplifier gain will depend on junction temperature and heat sink size.
[2]
Thermal foldback will influence restart timing depending on heat sink size.
Table 4.
Overview protections TDF8591TH
Protection name
Complete shut down Restart directly
Restart every 100 ms
DIAG
TF
N
Y[1]
NN
OTP
Y
Y[2]
N[2]
N
OCP
N[3]
Y[3]
N[3]
Y
WP
Y[4]
YN
Y
UVP
Y
N
Y
N
OVP
Y
Y
N
N
UBP
Y
N
Y
N
V
th unb
()
0.15
V
DDA
V
SSA
()
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com