Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2124YMM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2124YMM
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124YMM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2124YMM Datasheet HTML 5Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 6Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 7Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 8Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 9Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 10Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 11Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 12Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
9
M9999-060810-D
Functional Description
The MIC2124 is an adaptive on-time current mode
synchronous buck controller built for low cost and high
performance. It is designed for wide input voltage range
from 3V to 18V and for high output power buck
converters. An estimated-ON-time method is applied in
MIC2124 to obtain a constant switching frequency and to
simplify the control compensation. The over-current
protection is implemented without the use of an external
sense resistor. It includes an internal soft-start function
which reduces the power supply input surge current at
start-up by controlling the output voltage rise time.
Theory of Operation
The MIC2124 is an adaptive on-time current mode buck
controller. Figure 1 illustrates the block diagram for the
control loop. The output voltage variation due to load or
line changes will be sensed by the inverting input of the
transconductance error amplifier via the feedback
resistors (RFB1 and RFB2 in “Typical Application”), and
compared to a reference voltage at the non-inverting
input. This will cause a small change in the DC voltage
level at the output of the error amplifier, or VCOMP.
Meanwhile, the inductor current is sensed through the
bottom MOSFET RDS(ON) and “Bottom Current Sense
Circuit” as VIL. If VIL is lower than VCOMP, an ON-time
period is triggered, in which DH pin is logic high and DL
pin is logic low. The ON-time period length is
predetermined by the “Fixed Ton Estimator” circuitry:
300kHz
V
V
T
HSD
OUT
ed)
ON(estimat
=
(1)
where VOUT is the output voltage, VHSD is the power
stage input voltage.
After an ON-time period, the MIC2124 goes into the
OFF-time period, in which DH pin is logic low and DL pin
is logic high. The inductor current and VIL decrease
during OFF time. If VIL is above VCOMP, the OFF status is
maintained. When VIL is below VCOMP, the ON-time
period is triggered and the OFF-time period ends. If the
OFF-time period determined by the inductor current and
VCOMP is less than the minimum OFF time TOFF(min), which
is 350ns typical, the MIC2124 control logic will apply the
TOFF(min) instead. TOFF(min) is required to maintain enough
energy in the Boost Capacitor (CBST) to drive the high-
side MOSFET. The maximum duty cycle is obtained
from the 350ns TOFF(min):
S
S
OFF(min)
S
MAX
T
350ns
1
T
T
T
D
=
=
where TS = 1/300kHz = 3.33μs. It is not recommended to
use MIC2124 with a OFF-time close to TOFF(min) during
steady state operation.
The estimated ON-time method results in a constant
300kHz switching frequency. The actual ON-time varies
a little with the different rising and falling times of the
external MOSFETs. Therefore, the type of the external
MOSFETs, the output load current, and the control
circuitry power supply VIN will slightly modify the actual
ON-time and the switching frequency. Also, the minimum
TON, which is 140ns typical, results in a lower switching
frequency in high VHSD and low VOUT applications, such
as 18V to 0.8V. During the load transient, the switching
frequency is changed due to the varying OFF-time.
To illustrate the control loop, the steady-state scenario
and the load transient scenario are analyzed. VCOMP is
defined as the output of the error amplifier. Figure 2
shows the MIC2124 control loop timing during the
steady-state
operation
in
continuous
mode.
VIL
represents the inductor current sensing voltage via the
bottom MOSFET RDS(ON) and “Bottom Current Sense
Circuit”. When VIL is below VCOMP, which means that the
inductor current reaches the valley value, the OFF-time
ends and ON-time is triggered. The ON-time is
predetermined by the estimation.
Figure 2. MIC2124 Control Loop Timing
Figure 3 shows the load transient operation of the
MIC2124 converter. Assume the output voltage drops
due to sudden load increase, which would cause the
inverting input of the error amplifier, which is divided
down version of VOUT, to be slightly less than the
reference voltage, causing the output voltage of the error
amplifier VCOMP to go high. This will cause “CONTROL
LOGIC” to trigger ON-time period. At the end of the ON-
time period, a minimum OFF-time TOFF(min) is generated
to charge BST since the inductor current VIL is still below
VCOMP. Then, the next ON-time period is triggered due to
the high VCOMP. Therefore, the switching frequency
changes during the load transient. Also the load
regulation and transient load recovery is done by
modulating the OFF-time. With the varying duty cycle
and switching frequency, the output recovery time is fast
and the output voltage deviation is small in MIC2124
converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com