Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2124YMM Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC2124YMM
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124YMM Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC2124YMM Datasheet HTML 14Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 15Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 16Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 17Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 18Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 19Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 20Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 21Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
18
M9999-060810-D
Others
In order to accurately sense the voltage across the
low-side MOSFET, the LX pin and PGND pin should
be Kelvin connected to the drain and source of the
low-side MOSFET.
The feedback resistors RFB1 and RFB2 (refer to the
typical application schematic on page 1) should be
placed close to the FB pin. The top side of RFB1
should connect directly to the output node. Run this
trace away from the switch node (junction of Q1, Q2,
and the output inductor).
The compensation resistor and capacitors should be
placed right next to the COMP pin and the other side
should connect directly to the GND pin on the
MIC2124 rather than going to the plane.
HSD pin is sensitive to the noise. Too much noise at
HSD pin may cause the jittering at LX. A 10Ω
resistor and 0.1μF capacitor low-pass filter at the
HSD is able to mitigate the noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com