Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M24M01-HRMN6P/A Datasheet(PDF) 36 Page - STMicroelectronics

Part # M24M01-HRMN6P/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HRMN6P/A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M24M01-HRMN6P/A Datasheet HTML 29Page - STMicroelectronics M24M01-HRMN6P/A Datasheet HTML 30Page - STMicroelectronics M24M01-HRMN6P/A Datasheet HTML 31Page - STMicroelectronics M24M01-HRMN6P/A Datasheet HTML 32Page - STMicroelectronics M24M01-HRMN6P/A Datasheet HTML 33Page - STMicroelectronics M24M01-HRMN6P/A Datasheet HTML 34Page - STMicroelectronics M24M01-HRMN6P/A Datasheet HTML 35Page - STMicroelectronics M24M01-HRMN6P/A Datasheet HTML 36Page - STMicroelectronics M24M01-HRMN6P/A Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
M24M01-R, M24M01-W, M24M01-HR
36/37
Doc ID 12943 Rev 7
02-Sep-2008
5
Added: M24M01-W part number in device grade 3 temperature range
(see Table 8: Operating conditions (M24M01-W), Table 12: DC
characteristics (M24M01-W) and Table 19: Ordering information
scheme (M24M01-x products sold in packages)).
M24M01-R offered as a bare die (see Section 8: M24M01-R die
description and Table 20: Ordering information scheme (M24M01-R
sold as bare dice)).
In Table 13: AC characteristics at 400 kHz (M24M01-R and M24M01-
W), Note 1 modified, Note 2 added, tXH1XH2, tXL1XL2 and tDL1DL2
values modified.
In Table 14: AC characteristics at 1 MHz (M24M01-HR), Note 1
modified, Note 3 added, tXH1XH2, tXL1XL2 and tDL1DL2 values modified.
tCHDX, tDL1DL2 and tDXCX changed to tCHDL, tQL1QL2 and tDXCH,
respectively (see Table 13, Table 14 and Figure 13).
Table 21: Available M24M01-x products (package, voltage range,
frequency, temperature grade) added.
Small text changes.
12-Mar-2009
6
WLCSP8 package added (see Figure 3: WLCSP8 connections and
Section 7: Package mechanical data).
Section 2.6: Supply voltage (VCC) updated.
IOL added to Table 6: Absolute maximum ratings.
VRES added to Table 11: DC characteristics (M24M01-R and
M24M01-HR) and Table 12: DC characteristics (M24M01-W).
ECOPACK text updated.
26-Jun-2009
7
Section : Features updated.
NC pin changed to DU in Figure 2: SO connections.
Device select code Chip enable address bits updated in Section 2.3.
Internal reset threshold modified in Section 2.6.3: Device reset.
Figure 6: M24M01-HR – Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I2C bus at maximum frequency fC = 1MHz
updated.
VRES removed, and ICC1 conditions modified in Table 11: DC
characteristics (M24M01-R and M24M01-HR), and Table 12: DC
characteristics (M24M01-W). VRES removed from Table 12: DC
characteristics (M24M01-W).
tXH1XH2 updated in Table 13: AC characteristics at 400 kHz (M24M01-
R and M24M01-W). tXH1XH2 updated, and Note 5 updated in Table 14:
AC characteristics at 1 MHz (M24M01-HR).
Command replaced by instruction in the whole document.
Table 22.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com