Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M48T08 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T08 Datasheet HTML 4Page - STMicroelectronics M48T08 Datasheet HTML 5Page - STMicroelectronics M48T08 Datasheet HTML 6Page - STMicroelectronics M48T08 Datasheet HTML 7Page - STMicroelectronics M48T08 Datasheet HTML 8Page - STMicroelectronics M48T08 Datasheet HTML 9Page - STMicroelectronics M48T08 Datasheet HTML 10Page - STMicroelectronics M48T08 Datasheet HTML 11Page - STMicroelectronics M48T08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Operation modes
M48T08, M48T08Y, M48T18
8/31
Doc ID 2411 Rev 10
2
Operation modes
As Figure 4 on page 7 shows, the static memory array and the quartz-controlled clock
oscillator of the M48T08/18/08Y are integrated on one silicon chip. The two circuits are
interconnected at the upper eight memory locations to provide user accessible
BYTEWIDE™ clock information in the bytes with addresses 1FF8h-1FFFh.
The clock locations contain the year, month, date, day, hour, minute, and second in 24-hour
BCD format. Corrections for 28, 29 (leap year - valid until 2100), 30, and 31 day months are
made automatically. Byte 1FF8h is the clock control register. This byte controls user access
to the clock information and also stores the clock calibration setting.
The eight clock bytes are not the actual clock counters themselves; they are memory
locations consisting of BiPORT™ READ/WRITE memory cells. The M48T08/18/08Y
includes a clock control circuit which updates the clock bytes with current information once
per second. The information can be accessed by the user in the same manner as any other
location in the static memory array.
The M48T08/18/08Y also has its own power-fail detect circuit. The control circuitry
constantly monitors the single 5 V supply for an out-of-tolerance condition. When VCC is out
of tolerance, the circuit write protects the SRAM, providing a high degree of data security in
the midst of unpredictable system operation brought on by low VCC. As VCC falls below the
battery backup switchover voltage (VSO), the control circuitry connects the battery which
maintains data and clock operation until valid power returns.
Table 2.
Operating modes
Note:
X = VIH or VIL ; VSO = Battery backup switchover voltage.
Mode
VCC
E1
E2
G
W
DQ0-DQ7
Power
Deselect
4.75 to 5.5 V
or
4.5 to 5.5 V
VIH
X
X
X
High Z
Standby
Deselect
X
VIL
X
X
High Z
Standby
WRITE
VIL
VIH
XVIL
DIN
Active
READ
VIL
VIH
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
VIH
High Z
Active
Deselect
VSO to
VPFD(min)
(1)
1.
See Table 11 on page 22 for details.
XXX
X
High Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
X
High Z
Battery backup mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com