Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M48T08 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48T08 Datasheet HTML 15Page - STMicroelectronics M48T08 Datasheet HTML 16Page - STMicroelectronics M48T08 Datasheet HTML 17Page - STMicroelectronics M48T08 Datasheet HTML 18Page - STMicroelectronics M48T08 Datasheet HTML 19Page - STMicroelectronics M48T08 Datasheet HTML 20Page - STMicroelectronics M48T08 Datasheet HTML 21Page - STMicroelectronics M48T08 Datasheet HTML 22Page - STMicroelectronics M48T08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
M48T08, M48T08Y, M48T18
Maximum ratings
Doc ID 2411 Rev 10
19/31
4
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 6.
Absolute maximum ratings
Caution:
Negative undershoots below –0.3 V are not allowed on any pin while in the battery backup
mode.
Caution:
Do NOT wave solder SOIC to avoid damaging SNAPHAT® sockets.
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature
0 to 70
°C
TSTG
Storage temperature (VCC off, oscillator off)
–40 to 85
°C
TSLD
(1)(2)(3)
1.
For DIP package, soldering temperature of the IC leads is to not exceed 260 °C for 10 seconds. In order to
protect the lithium battery, preheat temperatures must be limited such that the battery temperature does
not exceed +85 °C. Furthermore, the devices shall not be exposed to IR reflow.
2.
For DIP packaged devices, ultrasound vibrations should not be used for post-solder cleaning to avoid
damaging the crystal.
3.
For SO package, lead-free (Pb-free) lead finish: reflow at peak temperature of 260 °C (the time above
255 °C must not exceed 30 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltages
–0.3 to 7
V
VCC
Supply voltage
–0.3 to 7
V
IO
Output current
20
mA
PD
Power dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com