Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MF1ICS70 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF1ICS70
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS70 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF1ICS70 Datasheet HTML 1Page - NXP Semiconductors MF1ICS70 Datasheet HTML 2Page - NXP Semiconductors MF1ICS70 Datasheet HTML 3Page - NXP Semiconductors MF1ICS70 Datasheet HTML 4Page - NXP Semiconductors MF1ICS70 Datasheet HTML 5Page - NXP Semiconductors MF1ICS70 Datasheet HTML 6Page - NXP Semiconductors MF1ICS70 Datasheet HTML 7Page - NXP Semiconductors MF1ICS70 Datasheet HTML 8Page - NXP Semiconductors MF1ICS70 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MF1ICS70_043544
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 4.4 — 25 November 2010
043544
4 of 20
NXP Semiconductors
MF1ICS70
Functional specification
6.
Functional description
6.1 Block description
The MF1ICS70 chip consists of the 4 Kbytes EEPROM, the RF-Interface and the Digital
Control Unit. Energy and data are transferred via an antenna, which consists of a coil with
a few turns directly connected to the MF1IC 70. No further external components are
necessary. (For details on antenna design please refer to the document MIFARE‚ Card IC
Coil Design Guide.)
RF-Interface:
– Modulator/Demodulator
– Rectifier
– Clock Regenerator
– Power On Reset
– Voltage Regulator
Anticollision: Several cards in the field may be selected and operated in sequence
Authentication: Preceding any memory operation the authentication procedure
ensures that access to a block is only possible via the two keys specified for each
block
Control & Arithmetic Logic Unit: Values are stored in a special redundant format and
can be incremented and decremented
EEPROM-Interface
Crypto unit: The CRYPTO1 stream cipher of the MF1ICS70 is used for authentication
and encryption of data exchange.
EEPROM: 4 Kbytes are organised in 32 sectors with 4 blocks each and 8 sectors with
16 blocks each. One block contains 16 bytes. The last block of each sector is called
“sector trailer”, which contains two secret keys and programmable access conditions
for each sector.
6.2 Communication principle
The commands are initiated by the reader and controlled by the Digital Control Unit of the
MF1ICS70 according to the access conditions valid for the corresponding sector.
6.2.1 Request standard/all
After Power On Reset (POR) of a card it can answer to a request command - sent by the
reader to all cards in the antenna field - by sending the answer to request code (ATQA
according to ISO/IEC 14443A).
6.2.2 Anticollision loop
In the anticollision loop the serial number of a card is read. If there are several cards in the
operating range of the reader, they can be distinguished by their unique serial numbers
and one can be selected (select card) for further transactions. The unselected cards
return to the standby mode and wait for a new request command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com