Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MF1ICS70 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MF1ICS70
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS70 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MF1ICS70 Datasheet HTML 8Page - NXP Semiconductors MF1ICS70 Datasheet HTML 9Page - NXP Semiconductors MF1ICS70 Datasheet HTML 10Page - NXP Semiconductors MF1ICS70 Datasheet HTML 11Page - NXP Semiconductors MF1ICS70 Datasheet HTML 12Page - NXP Semiconductors MF1ICS70 Datasheet HTML 13Page - NXP Semiconductors MF1ICS70 Datasheet HTML 14Page - NXP Semiconductors MF1ICS70 Datasheet HTML 15Page - NXP Semiconductors MF1ICS70 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MF1ICS70_043544
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 4.4 — 25 November 2010
043544
12 of 20
NXP Semiconductors
MF1ICS70
Functional specification
6.7.1 Access conditions
The access conditions for every data block and sector trailer are defined by 3 bits, which
are stored non-inverted and inverted in the sector trailer of the specified sector.
The access bits control the rights of memory access using the secret keys A and B. The
access conditions may be altered, provided one knows the relevant key and the current
access condition allows this operation.
Remark: With each memory access the internal logic verifies the format of the access
conditions. If it detects a format violation the whole sector is irreversible blocked.
Remark: In the following description the access bits are mentioned in the non-inverted
mode only.
The internal logic of the MF1ICS70 ensures that the commands are executed only after an
authentication procedure or never.
[1]
For the first 32 sectors (first 2 Kbytes of NV-memory) the access conditions can be set individually for a
data area sized one block.
For the last 8 sectors (upper 2 Kbytes of NV-memory) access conditions can be set individually for a data
area sized 5 blocks.
Table 2.
Access conditions
Access Bits
Valid Commands
Block
Description
C13 C23 C33
read, write
3
sector trailer
C12 C22 C32
read, write, increment, decrement,
transfer, restore
2
data area[1]
C11 C21 C31
read, write, increment, decrement,
transfer, restore
1
data area[1]
C10 C20 C30
read, write, increment, decrement,
transfer, restore
0
data area[1]
Fig 9.
Access conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com