Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVC1G14 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G14
Description  SINGLE SCHMITT-TRIGGER INVERETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G14 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVC1G14
SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14
Document number: DS35123 Rev. 1 - 2
5 of 14
www.diodes.com
January 2011
© Diodes Incorporated
Electrical Characteristics
TA=-40 °C to 125 °C
(All typical values are at Vcc = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
Vcc
Min
Typ.
Max
Unit
VT+
Positive-going input
threshold voltage
1.65 V
0.70
1.20
2.3V
1.11
1.60
3 V
1.50
2.00
4.5 V
2.16
2.74
5.5 V
2.61
3.33
VT-
Negative-going input
threshold voltage
1.65 V
0.30
0.75
2.3V
0.58
1.03
3 V
0.80
1.33
4.5 V
1.21
1.95
5.5 V
1.45
2.35
ΔVT
Hysteresis
(VT+ - VT-)
1.65 V
0.30
0.62
2.3V
0.37
0.80
3 V
0.32
1.00
4.5 V
0.50
1.20
5.5 V
0.55
1.40
VOH
High Level Output Voltage
IOH = -100μA
1.65 V to 5.5V
VCC – 0.1
V
IOH = -4mA
1.65 V
0.95
IOH = -8mA
2.3V
1.7
IOH = -16mA
3 V
1.9
IOH = -24mA
2.0
IOH = -32mA
4.5 V
3.4
VOL
High-level Input Voltage
IOL = 100μA
1.65 V to 5.5V
0.1
V
IOL = 4mA
1.65 V
0.7
IOL = 8mA
2.3V
0.45
IOL = 16mA
3 V
0.6
IOL = 24mA
0.8
IOL = 32mA
4.5
0.8
II
Input Current
VI = 5.5 V or GND
0 to 5.5 V
± 100
μA
IOFF
Power Down Leakage
Current
VI or VO = 5.5V
0
± 200
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65 V to 5.5V
200
μA
ΔICC
Additional Supply Current
Input at VCC –0.6 V
3 V to 5.5V
5000
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com