Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVC1G14 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC1G14
Description  SINGLE SCHMITT-TRIGGER INVERETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1G14 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC1G14
SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14
Document number: DS35123 Rev. 1 - 2
1 of 14
www.diodes.com
January 2011
© Diodes Incorporated
Description
The 74LVC1G14 is a single 1-input Schmitt-trigger inverter
with a standard totem pole output. The device is designed for
operation with a power supply range of 1.65V to 5.5V. The
inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for
partial power down applications using IOFF. The IOFF
circuitry disables the output preventing damaging current
backflow when the device is powered down. The gate
performs the positive Boolean function:
A
Y
=
Pin Assignments
Features
Wide Supply Voltage Range from 1.65V to 5.5V
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Exceeds JESD 22
o
200-V Machine Model (A115-A)
o
2000-V Human Body Model (A114-A)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options
SOT25, SOT353, and DFN1010: Available in “Green”
Molding Compound (no Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - 74LVC1G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
300Kb / 13P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 3
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
368Kb / 20P
Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Nexperia B.V. All right...
74LVC1G14 NEXPERIA-74LVC1G14 Datasheet
290Kb / 19P
Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
More results

Similar Description - 74LVC1G14

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
Single Schmitt trigger
logo
Texas Instruments
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 1
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 1
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 3
74AUP1G14 DIODES-74AUP1G14 Datasheet
191Kb / 11P
SINGLE SCHMITT-TRIGGER INVERETER
Rev 1
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
SINGLE SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com