Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMT591 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT591
Description  Medium power PNP transistor in SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT591 Datasheet HTML 1Page - Diodes Incorporated FMMT591 Datasheet HTML 2Page - Diodes Incorporated FMMT591 Datasheet HTML 3Page - Diodes Incorporated FMMT591 Datasheet HTML 4Page - Diodes Incorporated FMMT591 Datasheet HTML 5Page - Diodes Incorporated FMMT591 Datasheet HTML 6Page - Diodes Incorporated FMMT591 Datasheet HTML 7Page - Diodes Incorporated FMMT591 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 4 - September 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
FMMT591
Medium power PNP transistor in SOT23
Summary
BVCEO > -60V
BVEBO > -7V
IC(cont) = -1A
PD = 500mW
RCE(sat) = 295m at 1A
Complementary part number : FMMT491
Description
Medium power planar PNP bipolar transistor.
Features
•VCE(sat) maximum specification reduction
Reverse blocking specification improvement
Applications
MOSFET gate driving
Power switches
Motor control
Ordering information
Device marking
591
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
FMMT591TA
7
8
3000
C
E
B
C
E
B
Pinout - top view


Similar Part No. - FMMT591

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT591 ZETEX-FMMT591 Datasheet
130Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT591 BILIN-FMMT591 Datasheet
244Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
FMMT591 KEXIN-FMMT591 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Weitron Technology
FMMT591 WEITRON-FMMT591 Datasheet
239Kb / 4P
General Purpose Transistor PNP Silicon
logo
Rectron Semiconductor
FMMT591 RECTRON-FMMT591 Datasheet
318Kb / 3P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results

Similar Description - FMMT591

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
BCW68H DIODES-BCW68H_15 Datasheet
199Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev erse
BCW68H DIODES-BCW68H Datasheet
199Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
December 2012 Rev. 6 - 2
BCX38A DIODES-BCX38A Datasheet
95Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
December 2012 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com