Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMT591TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT591TA
Description  Medium power PNP transistor in SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT591TA Datasheet HTML 1Page - Diodes Incorporated FMMT591TA Datasheet HTML 2Page - Diodes Incorporated FMMT591TA Datasheet HTML 3Page - Diodes Incorporated FMMT591TA Datasheet HTML 4Page - Diodes Incorporated FMMT591TA Datasheet HTML 5Page - Diodes Incorporated FMMT591TA Datasheet HTML 6Page - Diodes Incorporated FMMT591TA Datasheet HTML 7Page - Diodes Incorporated FMMT591TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 4 - September 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
FMMT591
Medium power PNP transistor in SOT23
Summary
BVCEO > -60V
BVEBO > -7V
IC(cont) = -1A
PD = 500mW
RCE(sat) = 295m at 1A
Complementary part number : FMMT491
Description
Medium power planar PNP bipolar transistor.
Features
•VCE(sat) maximum specification reduction
•
Reverse blocking specification improvement
Applications
•
MOSFET gate driving
•
Power switches
•
Motor control
Ordering information
Device marking
591
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
FMMT591TA
7
8
3000
C
E
B
C
E
B
Pinout - top view


Similar Part No. - FMMT591TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591TA DIODES-FMMT591TA Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
More results

Similar Description - FMMT591TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
BCW68H DIODES-BCW68H_15 Datasheet
199Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev erse
BCW68H DIODES-BCW68H Datasheet
199Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
December 2012 Rev. 6 - 2
BCX38A DIODES-BCX38A Datasheet
95Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
December 2012 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com