Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMT591TA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT591TA
Description  Medium power PNP transistor in SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591TA Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT591TA Datasheet HTML 1Page - Diodes Incorporated FMMT591TA Datasheet HTML 2Page - Diodes Incorporated FMMT591TA Datasheet HTML 3Page - Diodes Incorporated FMMT591TA Datasheet HTML 4Page - Diodes Incorporated FMMT591TA Datasheet HTML 5Page - Diodes Incorporated FMMT591TA Datasheet HTML 6Page - Diodes Incorporated FMMT591TA Datasheet HTML 7Page - Diodes Incorporated FMMT591TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FMMT591
Issue 4 - September 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
-80
V
IC = -100 A
Collector-emitter
breakdown voltage
BVCEO
-60
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
-7
-8.1
V
IE = -100 A
Collector cut-off current
ICBO
<1
-100
nA
VCB = -60V
Collector – emitter current
cut-off current
ICES
<1
-100
nA
Emitter cut-off current
IEBO
<1
-100
nA
VEB = -5.6V
Collector-emitter
saturation voltage
VCE(sat)
-155
-180
mV
IC = -0.5A, IB = -50mA(*)
-295
-350
mV
IC = -1A, IB = -100mA(*)
Base-emitter saturation
voltage
VBE(sat)
965
-1200
mV
IC = -1A, IB = -100mA(*)
Base-emitter turn-on
voltage
VBE(on)
830
-1000
mV
IC = -1A, VCE = -5V(*)
Static forward current
transfer ratio
hFE
100
220
IC = -1mA, VCE = -5V(*)
100
175
300
IC = -500mA, VCE = -5V(*)
80
155
IC = -1A, VCE = -5V
15
40
IC = -2A, VCE = -5V
Transition frequency
fT
150
MHz
IC = -50mA, VCE = -10V
f = 100MHz
Output capacitance
COBO
10
pF
VCB = -10V, f = 1MHz(*)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com