Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5602DPB Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Device family overview
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
Table 4. I/O characteristics, VDDE = 5.0 V
1
NOTES:
1 Please refer to the data sheet for up-to-date values on current consumption. The values presented
in this table are only estimates and have not been validated.
Parameter
Symbol
Value2
2 TBD: To be defined
Equation
Input voltage high
VIH
3.575 V
VDDE 0.65
Input voltage low
VIL
1.925 V
VDDE 0.35
Output voltage high
VOH
4.4 V
VDDE 0.8
Output voltage low
VOL
1.1 V
VDDE 0.2
Output drive strength (slow pads)3
3 Refer to device data sheet for details of which pins are implemented with slow pads and pin
conditions.
IDRV_S
2 mA
—
Output drive strength (medium pads)4
4 Refer to device data sheet for details of which pins are implemented with medium pads and pin
conditions.
IDRV_M
2 mA
—
I/O DC injection current5
5 Max per pin injection current that will not corrupt adjacent pins. Maximum injection current must not
exceed 25 mA for complete device.
IIC
TBD
—
Total maximum I/O current
IIO
65 mA
—
Table 5. I/O characteristics, VDDE = 3.3 V
1
NOTES:
1 Please refer to the data sheet for up-to-date values on current consumption. The values presented
in this table are only estimates and have not been validated.
Parameter
Symbol
Value2
2 TBD: To be defined
Equation
Input voltage high
VIH
2.145 V
VDDE 0.65
Input voltage low
VIL
1.155 V
VDDE 0.35
Output voltage high
VOH
3.64 V
VDDE 0.8
Output voltage low
VOL
0.66 V
VDDE 0.2
Output drive strength (slow pads)3
3 Refer to device data sheet for details of which pins are implemented with slow pads and pin
conditions.
IDRV_S
1 mA
—
Output drive strength (medium pads)4
4 Refer to device data sheet for details of which pins are implemented with medium pads and pin
conditions.
IDRV_M
1 mA
—
I/O DC injection current5
5 Max per pin injection current that will not corrupt adjacent pins. Maximum injection current must not
exceed 25 mA for complete device.
IIC
TBD
—
Total maximum I/O current
IIO
65 mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com