Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5602DPB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5602DPB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
2
1
Introduction
The device core capitalizes on the available development infrastructure of current Power Architecture
devices and is supported with software drivers, operating systems and configuration code to assist with
users’ implementations. Refer to Section 5, “Developer environment for more information.
Table 2 provides specific memory and feature sets of the roadmap product members.
The advanced and cost-efficient host processor core of this automotive controller family complies with the
Power Architecture® technology. It operates at speeds of up to 48 MHz and offers high performance
processing optimized for low power consumption.
The device platform has a single level of memory hierarchy and can support a wide range of on-chip static
random access memory (SRAM) and internal flash memory.
1.1
MPC5602D features
•
Single issue, 32-bit CPU core complex (e200z0h)
— Compliant with the Power Architecture® embedded category
— Includes an instruction set enhancement allowing variable length encoding (VLE) for code size
footprint reduction. With the optional encoding of mixed 16-bit and 32-bit instructions, it is
possible to achieve significant code size footprint reduction.
•
Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
•
64 KB on-chip Data Flash with ECC
•
Up to 16 KB on-chip SRAM with ECC
•
Interrupt controller (INTC) with multiple interrupt vectors, including 20 external interrupt sources
and 18 external interrupt/wakeup sources
•
Frequency modulated phase-locked loop (FMPLL)
•
Crossbar switch architecture for concurrent access to peripherals, Flash, or SRAM from multiple
bus masters
•
Boot assist module (BAM) supports internal Flash programming via a serial link (CAN or SCI)
•
Timer supports input/output channels providing a range of 16-bit input capture, output compare,
and pulse width modulation functions (eMIOS-lite)
•
Up to 33 channel 12-bit analog-to-digital converter (ADC)
•
2 serial peripheral interface (DSPI) modules
•
3 serial communication interface (LINFlex) modules
•
1 enhanced full CAN (FlexCAN) module with configurable buffers
•
Up to 79 configurable general purpose pins supporting input and output operations (package
dependent)
•
Real Time Counter (RTC) with clock source from 128 kHz or 16 MHz internal RC oscillator
supporting autonomous wakeup with 1 ms resolution with max timeout of 2 seconds
•
Up to 4 periodic interrupt timers (PIT) with 32-bit counter resolution
•
1 System Module Timer (STM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com