Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

70592C Datasheet(PDF) 48 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 48 Page - Microchip Technology

Back Button 70592C Datasheet HTML 44Page - Microchip Technology 70592C Datasheet HTML 45Page - Microchip Technology 70592C Datasheet HTML 46Page - Microchip Technology 70592C Datasheet HTML 47Page - Microchip Technology 70592C Datasheet HTML 48Page - Microchip Technology 70592C Datasheet HTML 49Page - Microchip Technology 70592C Datasheet HTML 50Page - Microchip Technology 70592C Datasheet HTML 51Page - Microchip Technology 70592C Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 314 page
background image
DMA5PAD 03C4
PAD<15:0>
0000
DMA5CNT 03C6
CNT<9:0>
0000
DMA6CON 03C8
CHEN
SIZE
DIR
HALF
NULLW
—AMODE<1:0>
—MODE<1:0>
0000
DMA6REQ 03CA FORCE
IRQSEL<6:0>
0000
DMA6STA 03CC
STA<15:0>
0000
DMA6STB 03CE
STB<15:0>
0000
DMA6PAD 03D0
PAD<15:0>
0000
DMA6CNT 03D2
CNT<9:0>
0000
DMA7CON 03D4
CHEN
SIZE
DIR
HALF
NULLW
—AMODE<1:0>
—MODE<1:0>
0000
DMA7REQ 03D6 FORCE
IRQSEL<6:0>
0000
DMA7STA
03D8
STA<15:0>
0000
DMA7STB 03DA
STB<15:0>
0000
DMA7PAD 03DC
PAD<15:0>
0000
DMA7CNT 03DE
CNT<9:0>
0000
DMACS0
03E0 PWCOL7 PWCOL6 PWCOL5 PWCOL4 PWCOL3 PWCOL2 PWCOL1 PWCOL0 XWCOL7
XWCOL6 XWCOL5
XWCOL4
XWCOL3
XWCOL2
XWCOL1 XWCOL0
0000
DMACS1
03E2
LSTCH<3:0>
PPST7
PPST6
PPST5
PPST4
PPST3
PPST2
PPST1
PPST0
0000
DSADR
03E4
DSADR<15:0>
0000
TABLE 4-18:
ECAN1 REGISTER MAP WHEN C1CTRL1.WIN = 0 OR 1 FOR PIC24HJXXXGP506A/510A/610A DEVICES ONLY
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
C1CTRL1
0400
CSIDL
ABAT
REQOP<2:0>
OPMODE<2:0>
CANCAP
—WIN
0480
C1CTRL2
0402
DNCNT<4:0>
0000
C1VEC
0404
FILHIT<4:0>
ICODE<6:0>
0000
C1FCTRL
0406
DMABS<2:0>
FSA<4:0>
0000
C1FIFO
0408
FBP<5:0>
FNRB<5:0>
0000
C1INTF
040A
TXBO
TXBP
RXBP
TXWAR
RXWAR EWARN
IVRIF
WAKIF
ERRIF
FIFOIF
RBOVIF
RBIF
TBIF
0000
C1INTE
040C
IVRIE
WAKIE
ERRIE
FIFOIE
RBOVIE
RBIE
TBIE
0000
C1EC
040E
TERRCNT<7:0>
RERRCNT<7:0>
0000
C1CFG1
0410
SJW<1:0>
BRP<5:0>
0000
C1CFG2
0412
WAKFIL
SEG2PH<2:0>
SEG2PHTS
SAM
SEG1PH<2:0>
PRSEG<2:0>
0000
C1FEN1
0414 FLTEN15 FLTEN14 FLTEN13 FLTEN12 FLTEN11 FLTEN10 FLTEN9 FLTEN8
FLTEN7
FLTEN6 FLTEN5 FLTEN4
FLTEN3
FLTEN2 FLTEN1 FLTEN0
FFFF
C1FMSKSEL1 0418
F7MSK<1:0>
F6MSK<1:0>
F5MSK<1:0>
F4MSK<1:0>
F3MSK<1:0>
F2MSK<1:0>
F1MSK<1:0>
F0MSK<1:0>
0000
C1FMSKSEL2 041A
F15MSK<1:0>
F14MSK<1:0>
F13MSK<1:0>
F12MSK<1:0>
F11MSK<1:0>
F10MSK<1:0>
F9MSK<1:0>
F8MSK<1:0>
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for PinHigh devices.
TABLE 4-17:
DMA REGISTER MAP (CONTINUED)
File Name Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for PinHigh devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com