Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

70592C Datasheet(PDF) 52 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 52 Page - Microchip Technology

Back Button 70592C Datasheet HTML 48Page - Microchip Technology 70592C Datasheet HTML 49Page - Microchip Technology 70592C Datasheet HTML 50Page - Microchip Technology 70592C Datasheet HTML 51Page - Microchip Technology 70592C Datasheet HTML 52Page - Microchip Technology 70592C Datasheet HTML 53Page - Microchip Technology 70592C Datasheet HTML 54Page - Microchip Technology 70592C Datasheet HTML 55Page - Microchip Technology 70592C Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 314 page
background image
TABLE 4-23:
ECAN2 REGISTER MAP WHEN C2CTRL1.WIN = 1 FOR PIC24HJ256GP610A DEVICES ONLY
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
0500-
051E
See definition when WIN = x
C2BUFPNT1
0520
F3BP<3:0>
F2BP<3:0>
F1BP<3:0>
F0BP<3:0>
0000
C2BUFPNT2
0522
F7BP<3:0>
F6BP<3:0>
F5BP<3:0>
F4BP<3:0>
0000
C2BUFPNT3
0524
F12BP<3:0>
F10BP<3:0>
F9BP<3:0>
F8BP<3:0>
0000
C2BUFPNT4
0526
F15BP<3:0>
F14BP<3:0>
F13BP<3:0>
F12BP<3:0>
0000
C2RXM0SID
0530
SID<10:3>
SID<2:0>
—MIDE
EID<17:16>
xxxx
C2RXM0EID
0532
EID<15:8>
EID<7:0>
xxxx
C2RXM1SID
0534
SID<10:3>
SID<2:0>
—MIDE
EID<17:16>
xxxx
C2RXM1EID
0536
EID<15:8>
EID<7:0>
xxxx
C2RXM2SID
0538
SID<10:3>
SID<2:0>
—MIDE
EID<17:16>
xxxx
C2RXM2EID
053A
EID<15:8>
EID<7:0>
xxxx
C2RXF0SID
0540
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF0EID
0542
EID<15:8>
EID<7:0>
xxxx
C2RXF1SID
0544
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF1EID
0546
EID<15:8>
EID<7:0>
xxxx
C2RXF2SID
0548
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF2EID
054A
EID<15:8>
EID<7:0>
xxxx
C2RXF3SID
054C
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF3EID
054E
EID<15:8>
EID<7:0>
xxxx
C2RXF4SID
0550
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF4EID
0552
EID<15:8>
EID<7:0>
xxxx
C2RXF5SID
0554
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF5EID
0556
EID<15:8>
EID<7:0>
xxxx
C2RXF6SID
0558
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF6EID
055A
EID<15:8>
EID<7:0>
xxxx
C2RXF7SID
055C
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF7EID
055E
EID<15:8>
EID<7:0>
xxxx
C2RXF8SID
0560
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF8EID
0562
EID<15:8>
EID<7:0>
xxxx
C2RXF9SID
0564
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF9EID
0566
EID<15:8>
EID<7:0>
xxxx
C2RXF10SID
0568
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
C2RXF10EID
056A
EID<15:8>
EID<7:0>
xxxx
C2RXF11SID
056C
SID<10:3>
SID<2:0>
—EXIDE
EID<17:16>
xxxx
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for PinHigh devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com