Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

900844 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  900844 Datasheet HTML 1Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
900844
INTERNAL BLOCK DIAGRAM
VBG - 1.25 V/2 mA LDO
VCCA - 1.5 V/150 mA LDO
PVIN1P8
LOPWR
-
3.6 V
1
D6
Power supply input, shared by VBG and VCCA
GND1P8
GND
-
-
1
N13
Ground reference
VOUTBG
LOPWR
-
2.5 V
1
D2
VBG output voltage node
VOUTCCA
LOPWR
-
2.5 V
1
C3
VCCA output voltage node
FBCCA
SGNL
I
2.5 V
1
E7
VCCA output voltage feedback input
VCC180- 1.8 V/390 mA LDO
VPNL18- 1.8 V/225 mA LDO
VPMIC - 1.8 V/50 mA LDO
PVIN2P1
HIPWR
-
3.6 V
2
A11, C11
Power supply input, shared by VCC180, VPNL18, and
VPMIC
GND2P1
GND
-
-
1
M12
Ground reference
VOUTCC180
HIPWR
-
2.5 V
1
B12
VCC180 output voltage node
VOUTPNL18
MDPWR
-
2.5 V
1
A13
VPNL18 output voltage node
VOUTPMIC
LOPWR
-
2.5 V
1
B10
VPMIC output voltage node
VYMXYFI18 - (YMX:1.8 V/200 mA - YFI:1.8 V/200 mA) LDO
PVINYMXYFI18
MDPWR
-
4.8 V
1
AD2
Power supply input for VYMXYFI18
VOUTYMXYFI18
MDPWR
-
3.6 V
1
AE1
VYMXYFI18 output voltage node
GNDCOMS1
GND
-
-
1
AA7
Ground reference
GNDCOMS2
GND
-
-
1
W11
Ground reference
VCCPAOAC- 1.05 V/155 mA LDO
VCCPDDR - 1.05 V/60 mA LDO
VAON - 1.2 V/250 mA LDO
VMM- 1.2 V/5 mA LDO
VCCP - 1.05 V/445 mA LDO
PVIN1P5
HIPWR
-
3.6 V
2
A5, C5
Power supply input, shared by VCCPAOAC, VCCPDDR,
VAON, VMM, and VCCP
GND1P5
GND
-
-
1
H10
Ground reference
VOUTCCPAOAC
LOPWR
-
2.5 V
1
B4
VCCPAOAC output voltage node
VOUTCCPDDR
LOPWR
-
2.5 V
1
G9
VCCPDDR output voltage node
FBCCPDDR
SGNL
I
2.5 V
1
G7
VCCPDDR output voltage feedback input
VOUTAON
MDPWR
-
2.5 V
1
C7
VAON output voltage node
VOUTMM
LOPWR
-
2.5 V
1
J11
VMM output voltage node
VOUTCCP
HIPWR
-
2.5 V
1
C9
VCCP output voltage node
FBCCP
SGNL
I
2.5 V
1
A7
VCCP output voltage feedback input
VIMG25- 2.5 V/80 mA LDO
VIMG28- 2.8 V/225 mA LDO
PVINIMG
MDPWR
-
4.8 V
1
AJ15
Power supply input, shared by VIMG25 and VIMG28
GNDIMG
GND
-
-
1
V14
Ground reference
VOUTIMG25
LOPWR
-
3.6 V
1
AH14
VIMG25 output voltage node
Table 1. 900844 Pin Description
Node Name
Type
I/O
Rating
# of
Balls
BGA Location
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com