Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

900844 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
900844
INTERNAL BLOCK DIAGRAM
SPI Interface
SPIVCC
LOPWR
-
3.6 V
1
L15
Supply for SPI Bus
SPICLK
SGNL
I
3.6 V
1
A15
SPI Clock Input
MOSI
SGNL
I
3.6 V
1
G15
SPI write input
MISO
SGNL
O
3.6 V
1
J15
SPI read output
SPICSB
SGNL
I
3.6 V
1
D14
SPI chip select input
GNDSPI
GND
-
-
1
L13
Ground for SPI interface
GPIOs & GPOs & Power Button
GPIOVCC
LOPWR
-
3.6 V
1
AC11
GPIO power
GPIO0
SGNL
I/O
3.6 V
1
AG7
Fully configurable GPIO inputs/outputs for general purpose
sensing and platform control
GPIO1
SGNL
I/O
3.6 V
1
AB10
GPIO2
SGNL
I/O
3.6 V
1
AJ7
GPIO3
SGNL
I/O
3.6 V
1
AA11
GPIO4
SGNL
I/O
3.6 V
1
AC19
GPIO5
SGNL
I/O
3.6 V
1
AF20
GPIO6
SGNL
I/O
3.6 V
1
AB18
GPIO7
SGNL
I/O
3.6 V
1
AG21
GPOVCC
LOPWR
-
3.6 V
1
AE5
GPO power
GPO0
SGNL
O
3.6 V
1
AF4
General purpose outputs
GPO1
SGNL
O
3.6 V
1
AC7
GPO2
SGNL
O
3.6 V
1
AD4
GPO3
SGNL
O
3.6 V
1
AG3
GPO4
SGNL
O
3.6 V
1
Y8
GPO5
SGNL
O
3.6 V
1
AH4
GPO6
SGNL
O
3.6 V
1
AG5
GPO7
SGNL
O
3.6 V
1
AB8
PWRBTN
SGNL
I
1.5 V
1
G11
PMIC hardware on/off button
Test Pins
ICTEST
SGNL
I
7.5 V
1
R23
Always connect to GND
Reference Supplies
VINLSPR
MDPWR
-
5.5V
1
B18
Always connect to VPWR
VINLSPL
MDPWR
-
5.5V
1
C21
Always connect to VPWR
I2SVCC
LOPWR
-
3.6 V
1
L25
Always connect to VPMIC
Table 1. 900844 Pin Description
Node Name
Type
I/O
Rating
# of
Balls
BGA Location
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com