Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD36 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD36
Description  350W Plastic Encapsulate ESD Protection Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD36 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD36 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD36 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD36
Voltage 36V
350W Plastic Encapsulate ESD Protection Diodes
Elektronische Bauelemente
15-Mar-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
FEATURES
350 Watts peak pulse power(tp=8/20μs)
Small package for use in portable electronics
Suitable replacement for MLV’S in ESD protection
applications
Low clamping voltage and leakage current
In compliance with EU RoHS 2002/95/EC directives
APPLICATIONS
Case:SOD-323L, plastic
Terminals:Solderable per MIL-STD-750, Method 2026
Polarity:Color band cathode
Approx. Weight:0.0001 ounce, 0.0041 grams
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOD-323L
5K
7’ inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified )
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp = 8/20μs)
PPK
350
W
ESD Voltage
VESD
25
KV
Operating and Storage Temperature Range
TJ, TSTG
-50~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified )
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Stand-Off Voltage
VRWM
-
-
36
V
-
Reverse Breakdown Voltage
VBR
39.9
-
45
V
IBR=1Ma
Reverse Leakage Current
IR
-
-
1
μA
VR=36V
Clamping Voltage (8/20 μs)
VC
-
-
60
V
IPP=1A
Off State Junction Capacitance
CJ
-
30
-
pF
0Vdc Bias = f = 1MHz
-
1
-
pF
5Vdc Bias = f = 1MHz
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOD-323L
E
F
B
C
D
A
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.30
2.70
D
1.60
1.80
B
1.15
1.35
E
0.25
0.40
C
0.80
1.00
F
0.05
0.25


Similar Part No. - SD36

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SD36 DIOTECH-SD36 Datasheet
917Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD36 LEIDITECH-SD36 Datasheet
140Kb / 3P
500W Unidirectional TVS Diode
logo
SeCoS Halbleitertechnol...
SD36 SECOS-SD36 Datasheet
300Kb / 2P
TVS Protection (Uni-Directional)
logo
SHIKUES Electronics
SD36 SKTECHNOLGY-SD36 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
AiT Semiconductor Inc.
SD36 AITSEMI-SD36 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
More results

Similar Description - SD36

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDL03 SECOS-SDL03 Datasheet
212Kb / 3P
350W Plastic Encapsulate ESD Protection Diodes
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SD36L SECOS-SD36L Datasheet
318Kb / 2P
350W Plastic Encapsulate ESD Protection Diodes
SD36L SECOS-SD36L_15 Datasheet
318Kb / 2P
350W Plastic Encapsulate ESD Protection Diodes
SDL03 SECOS-SDL03_15 Datasheet
265Kb / 3P
350W Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com