Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD36 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD36
Description  350W Plastic Encapsulate ESD Protection Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD36 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD36 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD36 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD36
Voltage 36V
350W Plastic Encapsulate ESD Protection Diodes
Elektronische Bauelemente
15-Mar-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVES
FIG.1‐Pulse Wave Form 
FIG.2‐Power Derating Curve
FIG.3‐ Peak Pulse Power vs Pulse Time
FIG.4‐Typical Reverse Voltage vs Capacitance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com