Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSESD03C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSESD03C
Description  Transient Voltage Suppressors for ESD Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSESD03C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSESD03C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSESD03C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SSESD03C
150 W, 3.3 V
Transient Voltage Suppressors
for ESD Protection (Bi-directional)
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DESCRIPTION
The SSESD0
3C is designed to protect voltage sensitive components from ESD and transient voltage events. Excellent
clamping capability, low leakage, and fast response time, make these parts ideal for ESD protection on designs where
board space is at a premium. Because of its small size, it is suited for use in cellular phones, MP3 players, digital cameras
and many other portable applications where board space is at a premium.
APPLICATIONS
Cellular phones / audio
Portable devices
Digital cameras
Power supplies
FEATURES
Small body outline dimensions
Low body height
Peak power up to 150 Watts @ 8 x 20 μs pulse
Low leakage current
Response time is typically < 1 ns
ESD rating of class 3 (> 16 kV)
per Human Body Model
IEC61000−4−2 Level 4 ESD Protection
IEC61000−4−4 Level 4 EFT Protection
ABSOLUTE RATINGS (Tamb = 25°C )
Rating
Symbol
Value
Units
Peak Pulse Power (tp = 8/20 μs)
PPP
150
W
Maximum lead temperature for soldering during 10s
TL
260
°
C
Storage Temperature Range
TSTG
-55 to +155
°
C
Operating Temperature Range
TOP
-40 to +125
°
C
Maximum junction temperature
TJ
150
°
C
IEC61000-4-2 (ESD)
Air discharge
Contact discharge
±
15
±
8
KV
IEC61000-4-4 (EFT)
40
A
ESD Voltage
Per Human Body Model
16
KV
ELECTRICAL CHARACTERISTICS
(Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V at IF = 10mA)
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)
@ IT (Note 1)
IT
VC (V)
@ IPP=5A*
VC (V)
@ Max IPP*
IPP
(A)*
PPK
(W)*
C
(pF)
Device
Max
Max
Min
mA
Typ
Max
Max
Max
Typ
SSESD0
3C
3.3
2.5
5.
0
1.0
9.8
1
0.4
1
02
80
*Surge current waveform per Figure 1.
1. VBR is measured with a pulse test current IT at an ambient temperature of 25℃.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOD-923
0.34~0.43
0.95~1.05
0.75~0.85
Dimensions in millimeters
0.55~0.65
0.05~0.15
0.07~0.17
0.15~0.25
Bi-direction


Similar Part No. - SSESD03C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSESD03C SECOS-SSESD03C_15 Datasheet
251Kb / 2P
Transient Voltage Suppressors
More results

Similar Description - SSESD03C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com