Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSESD03C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSESD03C
Description  Transient Voltage Suppressors for ESD Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSESD03C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSESD03C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSESD03C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSESD03C
150 W, 3.3 V
Transient Voltage Suppressors
for ESD Protection (Bi-directional)
01-June-2002 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVES
APPLICATION NOTE
Electrostatic discharge (ESD) is a major cause of failure in electronic systems. Transient Voltage Suppressors (TVS)
are an ideal choice for ESD protection. They are capable of clamping the incoming transient to a low enough level such
that damage to the protected semiconductor is prevented.
Surface mount TVS offers the best choice for minimal lead inductance. They serve as parallel protection elements,
connected between the signal lines to ground. As the transient rises above the operating voltage of the device, the TVS
becomes a low impedance path diverting the transient current to ground. The SSESD0
3C is the ideal board-level
protection of ESD sensitive semiconductor components.
The tiny SOD-923 package allows design flexibility in the design of high density boards where the space saving is
at a premium. This enables to shorten the routing and contributes to hardening against ESD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com