Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B7679 Datasheet(PDF) 7 Page - EPCOS

Part # B7679
Description  SAW Duplexer LTE Band 20
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7679 Datasheet(HTML) 7 Page - EPCOS

Back Button B7679 Datasheet HTML 3Page - EPCOS B7679 Datasheet HTML 4Page - EPCOS B7679 Datasheet HTML 5Page - EPCOS B7679 Datasheet HTML 6Page - EPCOS B7679 Datasheet HTML 7Page - EPCOS B7679 Datasheet HTML 8Page - EPCOS B7679 Datasheet HTML 9Page - EPCOS B7679 Datasheet HTML 10Page - EPCOS B7679 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
December 14, 2010
B7679
847.0 / 806.0 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum Ratings
Matching network (element values depend on PCB layout
Lp1 = 8.2 nH, Lp2 = 56 nH
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
5001)
1) According to JESD22-C101 (Charged Device model), 3 negative and 3 positive pulses.
V
CD model, 3 pulses
ESD voltage
VESD
2502)
2) According to JESD22-A114E (Human Body model), 1 negative and 1 positive pulses.
V
HB model, 1 pulse
ESD voltage
VESD
1003)
3) According to JESD22-A115A (Machine model), 1 negative and 1 positive pulses.
V
M model, 1 pulse
Input power at Tx Port
834.5 ...859.5 MHz
Pin
28
dBm
LTE uplink signal
elsewhere
Pin
10
dBm
55 ˚C, 50000h
}
Lp2
Lp1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com