Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B7679 Datasheet(PDF) 4 Page - EPCOS

Part # B7679
Description  SAW Duplexer LTE Band 20
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7679 Datasheet(HTML) 4 Page - EPCOS

  B7679 Datasheet HTML 1Page - EPCOS B7679 Datasheet HTML 2Page - EPCOS B7679 Datasheet HTML 3Page - EPCOS B7679 Datasheet HTML 4Page - EPCOS B7679 Datasheet HTML 5Page - EPCOS B7679 Datasheet HTML 6Page - EPCOS B7679 Datasheet HTML 7Page - EPCOS B7679 Datasheet HTML 8Page - EPCOS B7679 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
December 14, 2010
B7679
847.0 / 806.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics Tx-Antenna
min.
typ.
@ 25 ˚C
max.
Absolute attenuation
α
0.3
...
791.0
MHz
35
38
dB
791.1
...
820.0
MHz
45
52
dB
820.0
...
820.9
MHz
43
60
dB
873.0
...
875.0
MHz
15
45
dB
875.0
...
903.0
MHz
35
50
dB
1560.0
... 1590.0
MHz
30
55
dB
1654.0
... 1734.0
MHz
35
55
dB
2400.0
... 2483.0
MHz
30
40
dB
2476.0
... 2606.0
MHz
30
40
dB
3298.0
... 3478.0
MHz
30
38
dB
4000.0
... 4500.0
MHz
20
30
dB
4500.0
... 5000.0
MHz
10
20
dB
5000.0
... 6000.0
MHz
5
12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com