Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS040 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 3Page - Zilog, Inc. Z8FS040 Datasheet HTML 4Page - Zilog, Inc. Z8FS040 Datasheet HTML 5Page - Zilog, Inc. Z8FS040 Datasheet HTML 6Page - Zilog, Inc. Z8FS040 Datasheet HTML 7Page - Zilog, Inc. Z8FS040 Datasheet HTML 8Page - Zilog, Inc. Z8FS040 Datasheet HTML 9Page - Zilog, Inc. Z8FS040 Datasheet HTML 10Page - Zilog, Inc. Z8FS040 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
2
GPIO
IrDA
UART
& BRG
Timer 1
Timer 0
Comparator
Sigma/Delta
ADC
Comp
VREF
ADC
VREF
eZ8
TM
CPU
Flash
Controller
Register
File RAM
(256B)
+
API
4KB
Flash
Memory
Interrupt
Controller
POR
&
VBO
On-Chip
Debug
Oscillator
Control
On-Chip
Peripheral
Power
Control
WDT +
Low Power
Oscillator
5.53MHz
Internal
Oscillator
External
Xtal/RC
Oscillator
Register File Bus
Program Memory Bus
ePIR
TM
Engine
S/W
 2.7 V to 3.6 V operating voltage with extended operating temperature range -400 C to +1050 C
 Zilog’s PIR technology controlled and monitored through software API registers
 Select from an assortment of lenses and pyroelectric sensors to best fit your application
 API settings provided for each lens and pyroelectric sensor combination
 Directly supports 1 or 2 pyroelectric sensors
 Sensitivity control, range control and directionality detection
 Extended detection modes for Occupancy sensing
 Low power modes
Block Diagram
Figure 1 shows the architectural block diagram of the Z8FS040.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com