Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z8FS040 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z8FS040
Description  ZMOTION Detection and Control Family Featuring Zilog?셲 PIR Technology
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8FS040 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z8FS040 Datasheet HTML 5Page - Zilog, Inc. Z8FS040 Datasheet HTML 6Page - Zilog, Inc. Z8FS040 Datasheet HTML 7Page - Zilog, Inc. Z8FS040 Datasheet HTML 8Page - Zilog, Inc. Z8FS040 Datasheet HTML 9Page - Zilog, Inc. Z8FS040 Datasheet HTML 10Page - Zilog, Inc. Z8FS040 Datasheet HTML 11Page - Zilog, Inc. Z8FS040 Datasheet HTML 12Page - Zilog, Inc. Z8FS040 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ZMOTION
TM Detection and Control Family
Product Specification
PS028506-1110
PRELIMINARY
4
Pin Configurations
Overview
Zilog’s Z8FS040 products are available in a variety of package styles and pin configurations. This
chapter describes the signals and available pin configurations for each of the package styles. For
information on the physical package specifications, see Packaging on Page 35.
Figure 2, Figure 3, and Figure 4 display the pin configurations of all the packages available for the
ZMOTION
TM MCU Series. For a description of the signals, see Tables 6, 7, and 8.
At reset, all port pins are set to GPIO input state except /RESET/DE0/T1OUT (8 pin) which is
configured to /RESET, PA0/T0IN/T0OUT/XIN/DBG (8 pin) which is configured to DBG and
RESET/PD0 (20 and 28 pin) which are configured to /RESET.
Figure 2 – 8 Pin SOIC Package Pin-Out – Z8FS040xSB20EG
Figure 3 – 20 Pin SSOP Package Pin-Out – Z8FS040xHH20EG
5
1
2
3
4
6
7
8
VDD
VSS
PA1/T0OUT/XOUT/ANA3/VREF/CLKIN
ANA2
PA4/RXD0/ANA1/CINN
PA2/RESET/DE0/T1OUT
PA5/TXD0/T1OUT/ANA0/CINP
PA0/T0IN/T0OUT/XIN/DBG
1
2
3
4
VDD
VSS
PB0/ANA0
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PB1/ANA1
ANA2
ANA3
PA0/T0IN/T0OUT/XIN
PA1/T0OUT/XOUT
PA2/DE0
PA3/CTS0
PA4/RXD0
PC3/COUT
PC2/ANA6/LED/VREF
PC1/ANA5/CINN
PC0/ANA4/CINP
DBG
RESET/PD0
PA7/T1OUT
PA6/T1IN/T1OUT
PA5/TXD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com