Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RTBV Datasheet(PDF) 2 Page - C&K Components

Part # RTBV
Description  1-2 Pole Coded Rotary Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTBV Datasheet(HTML) 2 Page - C&K Components

  RTBV Datasheet HTML 1Page - C&K Components RTBV Datasheet HTML 2Page - C&K Components RTBV Datasheet HTML 3Page - C&K Components RTBV Datasheet HTML 4Page - C&K Components RTBV Datasheet HTML 5Page - C&K Components RTBV Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
K–25
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
K
.940
(23,88)
1.024
(26,0)
1.024
(26,0)
.335
(8,5)
.126 DIA.
(3,2Ø)
.039
(1,0)
‘B’
‘A’
‘L’
.047
(1,2)
.190
(4,82)
.200
(5,08)
.200
(5,08)
.200
(5,08)
.161
(4,08)
.067
(1,7)
.098
(2,5)
M10 x .030
(M10 x 0,75)
.354
(9,0)
Third Angle
Projection
RTBV Series
1-2 Pole Coded Rotary Switches
DESIGNATION
INDEXING
RTBV
DIMENSIONAL DRAWINGS
1
15º index/24 positions
4
36º index/10 positions
3
30º index/12 positions
2
22.5º index/16 positions
1 module
2 module
3 module
4 module
5 x 2,54
(5 x 0.1)
Ø 1
(Ø0.0394)
.945 TYP
(24)
1
0.419
10.65
2
0.619
15.73
3
0.819
20.81
4
1.02
25.89
Number
modules
inch
mm
A: (standard)
0.984 inch (25 mm)
0.236 or 0.250 inch
(Ø6 or 6.35 mm)
L
Dimensions L
Dimensions A
Dimensions B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com