Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RTBV Datasheet(PDF) 3 Page - C&K Components

Part # RTBV
Description  1-2 Pole Coded Rotary Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTBV Datasheet(HTML) 3 Page - C&K Components

  RTBV Datasheet HTML 1Page - C&K Components RTBV Datasheet HTML 2Page - C&K Components RTBV Datasheet HTML 3Page - C&K Components RTBV Datasheet HTML 4Page - C&K Components RTBV Datasheet HTML 5Page - C&K Components RTBV Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K
K–26
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
Third Angle
Projection
RTBV Series
1-2 Pole Coded Rotary Switches
NUMBER OF BANKS
SWITCH FUNCTION
1S10
1S12
1S16
8 9 10 C C 5 4 3
1 2 3C C 8 7 6
1 2 3C C 9 8 7
10 11 12 C C 6 5 4
15 16
CC
8 7
1 2 3C C 11 10 9
4
5
6
C
C
14
13
12
1S24
19
21 CC
8 7
1 2 3 C C 15 14 13
4
5
6
C
C
18
17
16
20
9
22
23
24
C
C
12
11
10
NOTE: Several functions can be combined. For more information consult customer service.
2
2 BANKS
1
1 BANK
4
4 BANKS
3
3 BANKS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
C 1 2 3 4 5 6
7
8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
1
Single Pole Function
1S10, 1S12, 1S16, 1S24
1S02
SP, 02 positions with stop
1S03
SP, 03 positions with stop
1S04
SP, 04 positions with stop
1S05
SP, 05 positions with stop
1S06
SP, 06 positions with stop
1S07
SP, 07 positions with stop
1S10
SP, 10 positions with stop
1W10
SP, 10 positions without stop
1S11
SP, 11 positions with stop
1S12
SP, 12 positions with stop
1W12
SP, 12 positions without stop
1S14
SP, 14 positions with stop
1S16
SP, 16 positions with stop
1W16
SP, 16 positions without stop
1S24
SP, 24 positions with stop
1W24
SP, 24 positions without stop
2S04
DP, 4 positions with stop
2S05
DP, 5 positions with stop
2S06
DP, 6 positions with stop
GS_ _ Gray Code with stop (indicate position)
GW_ _ Gray Code without stop (indicate position) only can be 10,12, 16, 24 based on indexing
BS_ _ Binary Code with stop (indicate position)
BW_ _ Binary Code without stop (indicate position) only can be 10,12, 16, 24 based on indexing
CS_ _ Complement with stop (indicate position)
CW_ _ Complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing
ES_ _
Direct+Complement with stop (indicate position)
EW_ _ Direct+Complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing
Switch Function Number of Poles or code (binary code = B, complement = C, direct +complement
= BC) (first digit), Stop (with=S, without=W), Maximum Position (third & fourth digit)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com