Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC929 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC929
Description  Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC929 Datasheet(HTML) 1 Page - Sharp Corporation

  PC929 Datasheet HTML 1Page - Sharp Corporation PC929 Datasheet HTML 2Page - Sharp Corporation PC929 Datasheet HTML 3Page - Sharp Corporation PC929 Datasheet HTML 4Page - Sharp Corporation PC929 Datasheet HTML 5Page - Sharp Corporation PC929 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC929
Features
Application
Outline Dimensions
(Unit : mm)
PC929
*4
Pulse width <=0.15
µs, Duty ratio=0.01
*5
40 to 60% RH, AC for 1 minute, Ta=25˚C
1234567
8
9
10
11
12
13
14
9.22
14 - 0.6
12 - 1.27
7.62
1.0
1.0
10.0
Amp.
IGBT protector
circuit
Interface
8
9
10
11
12
13
14
123
4
5
6
7
Internal connection diagram
4
NC
5
NC
6
NC
7
NC
8
FS
9C
10
GND
11
O2
12
O1
13
VCC
14
GND
Terminals 4 to 7 :
Shortcircuit in element
PC929
1
Cathode
3
Anode
2
Cathode
Primary
side mark
1. IGBT control for inverter drive
(Ta=Topr unless otherwise specified)
Absolute Maximum Ratings
Operation truth table is shown on the next page.
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detecting element and signal processing circuit
integrated onto a single chip.
*1, 2, 3 Decrease in the ambient temperature range of the Absolute Max. Rating : Shown in Figs 1 and 2.
Parameter
Symbol
Rating
Unit
Input
Forward current
*1
IF
20
mA
Reverse voltage
VR
6 (Ta = 25˚C)
V
Output
Supply voltage
VCC
35
V
IO1
0.1
A
*4
IO1P
0.4
A
IO2
0.1
A
*4
IO2P
0.4
A
VO1
35
V
Power dissipation
*2
PO
500
mW
Overcurrent detecting voltage
VC
VCC
V
Overcurrent detecting current
IC
30
mA
Error signal output voltage
VFS
VCC
V
Error signal output current
IFS
20
mA
Total power dissipation
*3
Ptot
550
mW
Isolation voltage
*5
Viso
4 000
Vrms
Operating temperature
Topr
- 25 to + 80
˚C
Storage temperature
Tstg
- 55 to + 125
˚C
Soldering temperature
Tsol
260 (for 10 sec)
˚C
Shortcircuit Protector Circuit
Built-in Photocoupler Suitable
for Inverter-Driving MOS-FET/IGBT
1. Built-in IGBT shortcircuit protector circuit
2. Built-in direct drive circuit for IGBT drive
(Peak output current ... IO1P, IO2P : MAX. 0.4A)
3. High speed response (tPLH, tPHL : MAX. 0.5
µ s)
4. High isolation voltage (Viso : 4000Vrms)
5. Half lead pin pitch (p=1.27 mm) package type
O1 output current
O1 peak output current
O1 output voltage
O2 output current
O2 peak output current
s
s
s
s
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
6. Recognized by UL, file NO. E64380
g TÜV ( VDE 0884 ) approved type is also available as an option.


Similar Part No. - PC929

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC929PYJ000F SHARP-PC929PYJ000F Datasheet
376Kb / 22P
High Speed, Built-in Short
More results

Similar Description - PC929

ManufacturerPart #DatasheetDescription
logo
NEC
PS9634 NEC-PS9634 Datasheet
123Kb / 12P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
logo
Sharp Corporation
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC924 SHARP-PC924 Datasheet
85Kb / 6P
OPIC Photocoupler for IGBT Drive of Inverter
PC928 SHARP-PC928 Datasheet
137Kb / 10P
Shortcircuit Protector Circuit Built-in OPIC Photocoupler Suitable for Inverter-Driving IGBT
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
27-Oct-2003
logo
Sharp Corporation
PC924X SHARP-PC924X Datasheet
46Kb / 3P
OPIC Photocoupler for IGBT Drive of Inverter
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
logo
Renesas Technology Corp
BB506C RENESAS-BB506C_11 Datasheet
105Kb / 9P
Built in Biasing Circuit MOS FET IC
logo
Sharp Corporation
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com