Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC929 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC929
Description  Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC929 Datasheet(HTML) 3 Page - Sharp Corporation

  PC929 Datasheet HTML 1Page - Sharp Corporation PC929 Datasheet HTML 2Page - Sharp Corporation PC929 Datasheet HTML 3Page - Sharp Corporation PC929 Datasheet HTML 4Page - Sharp Corporation PC929 Datasheet HTML 5Page - Sharp Corporation PC929 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(Ta=Topr unless otherwise specified)
Electro-optical Characteristics (2)
*10 V
represents C-terminal voltage when O output goes from "High" to "Low".
CTH
2
*9 When measuring overcurrent, protective output and error signal output characteristics, connect a bypass capacitor (0.01
µ F or more) between V
13 and GND 14 near the device.
CC
PC929
MIN.
TYP.
MAX.
Test circuit
*9
Overcurrent detecting voltage
*10
VCTH
VCC =V01 = 24V, RG =47
Ω
Ta = 25˚C, IF = 5mA
6.5
VCC -
6.0
VCC -
5.5
VCC -
V
(9)
Overcurrent detecting voltage
hysteresis width
VCHIS
123
V
*9
tPCOHL
Ta = 25˚C
FS = OPEN
VCC =V01 = 24V, IF = 5mA
-4
10
µ s
(13)
tPCOtf
25
-
µ s
--
2
V
(10)
VOE
*9
Low level error
signal voltage
VFSL
C = OPEN
Ta = 25˚C, IF = 5mA, IFS = 10mA
-
0.2
0.4
V
(11)
High level error
signal current
IFSH
VC =0V
Ta = 25˚C, IF = 5mA, VFS = 24V
-
-
100
µ A
(12)
Error signal "High
→Low"
delay time
tPCFHL
Ta = 25˚C, RFS = 1.8k
Ω
VCC =VO1 = 24V, IF = 5mA
-1
5
µ s
(14)
Error signal output pulse width
∆ tFS
20
35
-
µ s
CG = 3 000pF, FS = OPEN
CG = 3 000pF, RG =47
Ω
CP = 1 000pF, RC =1k
Ω
VCC =VO1 = 24V, RG =47
Ω , CG = 3 000pF,
VCC =VO1 = 24V, RG =47
Ω , CG = 3 000pF,
CG = 3 000pF, RG =47
Ω
CP = 1 000pF, RC =1k
Ω
Fig. 1 Forward Current vs. Ambient
Temperature
60
50
40
30
20
10
0
0
25
50
75 80
100
125
-25
0
0
25
50
75 80
100
125
-25
600
500
400
300
200
100
550
Ambient temperature Ta (˚C)
Fig. 2 Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (˚C)
Parameter
Symbol
Conditions
Unit
O2 "High
→Low" delay time
at protection from overcurrent
O2 fall time at protection
from overcurrent
O2 output voltage at protection
from overcurrent
s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com