Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX5160 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5160
Description  Low-Power Digital Potentiometers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5160 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5160_01 Datasheet HTML 1Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 2Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 3Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 4Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 5Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 6Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 7Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 8Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low-Power Digital Potentiometers
_______________________________________________________________________________________
3
0
200
400
600
800
1,000
01
2
3
4
5
WIPER RESISTANCE
vs. WIPER VOLTAGE
WIPER VOLTAGE (V)
RWMAX = 574.0804
VDD = +2.7V
VDD = +5V
-0.16
-0.10
-0.12
-0.14
0
-0.02
-0.04
-0.06
-0.08
0.02
0.04
0.06
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
200k
200k
100k
50k
50k
100k
0
50
25
125
100
75
150
175
200
225
1
5
9
13
172125
29
33
END-TO-END RESISTANCE
vs. TAP POSITION
TAP POSITION
200k
0
20
10
50
40
30
60
70
80
90
100
110
1
5
9
13
172125
29
33
END-TO-END RESISTANCE
vs. TAP POSITION
TAP POSITION
100k
Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)
0
10
5
25
20
15
30
35
40
45
50
1
5
9
13
172125
29
33
END-TO-END RESISTANCE
vs. TAP POSITION
TAP POSITION
50k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com