Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX5160 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5160
Description  Low-Power Digital Potentiometers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5160 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX5160_01 Datasheet HTML 1Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 2Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 3Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 4Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 5Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 6Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 7Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 8Page - Maxim Integrated Products MAX5160_01 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Alternative Positive
LCD Bias Control
Alternatively, use an op amp to provide buffering and
gain to the output of the MAX5160/MAX5161. Connect
the MAX5160 to the positive input of a noninverting op
amp (Figure 3) to select a portion of the input signal by
digitally controlling the wiper terminal. Figure 4 shows a
similar circuit for the MAX5161.
Adjustable Gain
Figure 5 shows how to use the MAX5161 to digitally
adjust the gain of a noninverting op amp configuration.
Connect the MAX5161 in series with a resistor to ground
to form the adjustable gain control of a noninverting
amplifier. The MAX5160/MAX5161 have a low 5ppm/°C
ratiometric tempco that allows for a very stable adjust-
able gain configuration over temperature.
Serial Interface
Figure 6 is the serial-interface timing diagram.
Low-Power Digital Potentiometers
6
_______________________________________________________________________________________
GAIN 6
30V
W
L
H
INC
CS
GND
+5V
+5V
VOUT
VDD
U/D
MAX5160
Figure 3. MAX5160 Positive LCD Bias Control
GAIN 6
30V
L
H
GND
+5V
+5V
VOUT
VDD
INC
U/D
MAX5161
Figure 4. MAX5161 Positive LCD Bias Control
VCC
L
H
GND
VIN
+5V
a)
b)
VOUT
VDD
INC
U/D
VCC
L
H
W
VIN
VOUT
MAX5161
MAX5160
Figure 5. Adjustable Gain Circuit: a) MAX5161; b) MAX5160



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com