Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS95V857 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS95V857
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS95V857 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS95V857 Datasheet HTML 5Page - Integrated Device Technology ICS95V857 Datasheet HTML 6Page - Integrated Device Technology ICS95V857 Datasheet HTML 7Page - Integrated Device Technology ICS95V857 Datasheet HTML 8Page - Integrated Device Technology ICS95V857 Datasheet HTML 9Page - Integrated Device Technology ICS95V857 Datasheet HTML 10Page - Integrated Device Technology ICS95V857 Datasheet HTML 11Page - Integrated Device Technology ICS95V857 Datasheet HTML 12Page - Integrated Device Technology ICS95V857 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
ICS95V857
0674U—01/27/09
Clock Inputs
and Outputs
80%
20%
80%
20%
Rise tsl
Fall tsl
VID,VOD
Figure 8. Input and Output Slew Rates
Parameter Measurement Information
t(hper_n)
t(hper_n+1)
1
fo
Y , FB_OUTC
X
Y , FB_OUTT
X
Figure 7. Half-Period Jitter
t
=-
(jit_Hper)
t
(jit_Hper_n)
1
2xfO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com