Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS95V857 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS95V857
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS95V857 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS95V857 Datasheet HTML 1Page - Integrated Device Technology ICS95V857 Datasheet HTML 2Page - Integrated Device Technology ICS95V857 Datasheet HTML 3Page - Integrated Device Technology ICS95V857 Datasheet HTML 4Page - Integrated Device Technology ICS95V857 Datasheet HTML 5Page - Integrated Device Technology ICS95V857 Datasheet HTML 6Page - Integrated Device Technology ICS95V857 Datasheet HTML 7Page - Integrated Device Technology ICS95V857 Datasheet HTML 8Page - Integrated Device Technology ICS95V857 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
ICS95V857
0674U—01/27/09
Block Diagram
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
Pin Configuration
48-Pin TSSOP/TVSOP
Recommended Application:
DDR Memory Modules / Zero Delay Board Fan Out
Provides complete DDR registered DIMM solution
with ICSSSTVF16857, ICSSSTVF16859 or
ICSSSTV32852
Product Description/Features:
Low skew, low jitter PLL clock driver
1 to 10 differential clock distribution (SSTL_2)
Feedback pins for input to output synchronization
PD# for power management
Spread Spectrum-tolerant inputs
Auto PD when input signal removed
Specifications:
Meets PC3200 Class A+ specification for DDR-I 400
support
Covers all DDRI speed grades
Switching Characteristics:
CYCLE - CYCLE jitter: <50ps
OUTPUT - OUTPUT skew: <40ps
Period jitter: ±30ps
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
A#
D
PT
N
I
_
K
L
CC
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
FC
T
U
O
_
B
F
D
N
GH
L
H
L
H
L
H
f
f
o
/
d
e
s
s
a
p
y
B
D
N
GH
H
L
H
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
V
5
.
2
)
m
o
n
(
LL
H
Z
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
LH
LZ
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
HL
HL
H
L
H
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
L
H
L
n
o
V
5
.
2
)
m
o
n
(
X)
z
H
M
0
2
<
)
1
(
ZZ
Z
Z
f
f
o
Functionality
PLL
FB_INT
FB_INC
CLK_INC
CLK_INT
PD#
Control
Logic
FB_OUTT
FB_OUTC
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKT6
CLKT7
CLKT8
CLKT9
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
CLKC6
CLKC7
CLKC8
CLKC9
6.10 mm Body, 0.50 mm Pitch = TSSOP
4.40 mm Body, 0.40 mm Pitch = TVSOP
GND
CLKC0
CLKT0
VDD
CLKT1
CLKC1
GND
GND
CLKC2
CLKT2
VDD
VDD
CLK_INT
CLK_INC
VDD
AVDD
AGND
GND
CLKC3
CLKT3
VDD
CLKT4
CLKC4
GND
GND
CLKC5
CLKT5
VDD
CLKT6
CLKC6
GND
GND
CLKC7
CLKT7
VDD
PD#
FB_INT
FB_INC
VDD
FB_OUTC
FB_OUTT
GND
CLKC8
CLKT8
VDD
CLKT9
CLKC9
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS95V857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857 ICST-ICS95V857 Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857AG-130LF-T ICST-ICS95V857AG-130LF-T Datasheet
116Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857AGLF-T ICST-ICS95V857AGLF-T Datasheet
116Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results

Similar Description - ICS95V857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
ICS95VLP857 RENESAS-ICS95VLP857 Datasheet
293Kb / 14P
2.5V Low Power Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com